Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16801A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16801A
Description  Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16801A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16801A Datasheet HTML 1Page - Maxim Integrated Products MAX16801A Datasheet HTML 2Page - Maxim Integrated Products MAX16801A Datasheet HTML 3Page - Maxim Integrated Products MAX16801A Datasheet HTML 4Page - Maxim Integrated Products MAX16801A Datasheet HTML 5Page - Maxim Integrated Products MAX16801A Datasheet HTML 6Page - Maxim Integrated Products MAX16801A Datasheet HTML 7Page - Maxim Integrated Products MAX16801A Datasheet HTML 8Page - Maxim Integrated Products MAX16801A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Offline and DC-DC PWM Controllers for
High-Brightness LED Drivers
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VUVLO/EN = +1.4V, VFB = +1V, COMP = unconnected, VCS = 0V, TA = +25°C, unless otherwise noted.)
BOOTSTRAP UVLO WAKE-UP LEVEL
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
21.35
21.40
21.45
21.50
21.55
21.60
21.30
-40
80
MAX16801 VIN RISING
BOOTSTRAP UVLO SHUTDOWN LEVEL
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
9.8
9.9
10.0
10.1
9.7
-40
80
MAX16801 VIN FALLING
UVLO/EN WAKE-UP THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
1.255
1.260
1.265
1.270
1.275
1.280
1.250
-40
80
UVLO/EN RISING
UVLO/EN SHUTDOWN THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
1.15
1.20
1.25
1.30
1.10
-40
80
UVLO/EN FALLING
VIN SUPPLY CURRENT IN UNDERVOLTAGE
LOCKOUT vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
43
44
45
46
47
48
49
50
51
52
42
-40
80
VIN = 19V
MAX16801 WHEN IN BOOTSTRAP UVLO
MAX16802 WHEN UVLO/EN IS LOW
VIN SUPPLY CURRENT AFTER STARTUP
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
1.2
1.3
1.4
1.5
1.1
-40
80
VIN = 24V
VCC REGULATOR SET POINT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
9.3
9.5
9.4
9.7
9.6
9.8
9.2
-40
80
VIN = 19V
NO LOAD
NDRV OUTPUT IS NOT
SWITCHING, VFB = 1.5V
NDRV OUTPUT IS
SWITCHING
VCC REGULATOR SET POINT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
8.2
8.5
8.6
8.4
8.3
8.8
8.7
8.9
8.1
-40
80
VIN = 10.8V
10mA LOAD
20mA LOAD
CURRENT-SENSE THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
275
290
295
285
280
305
300
310
270
-40
80
+3
σ
-3
σ
MEAN
TOTAL NUMBER OF
DEVICES = 100


Similar Part No. - MAX16801A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
MAX16801AEUA MAXIM-MAX16801AEUA Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
More results

Similar Description - MAX16801A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Diodes Incorporated
ZXRD1000 DIODES-ZXRD1000 Datasheet
292Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
logo
Renesas Technology Corp
IW3602-30C RENESAS-IW3602-30C Datasheet
1Mb / 16P
   AC/DC Digital Power Controllers for Dimmable LED Drivers
07-Apr-2022
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Maxim Integrated Produc...
MAX15054 MAXIM-MAX15054 Datasheet
1Mb / 9P
   High-Side MOSFET Driver for HB LED Drivers and DC-DC Applications
Rev 0; 9/09
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com