Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24A Datasheet(PDF) 3 Page - Rohm

Part # BR24A
Description  High Reliability Series EEPROMs I2C BUS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24A Datasheet(HTML) 3 Page - Rohm

  BR24A Datasheet HTML 1Page - Rohm BR24A Datasheet HTML 2Page - Rohm BR24A Datasheet HTML 3Page - Rohm BR24A Datasheet HTML 4Page - Rohm BR24A Datasheet HTML 5Page - Rohm BR24A Datasheet HTML 6Page - Rohm BR24A Datasheet HTML 7Page - Rohm BR24A Datasheet HTML 8Page - Rohm BR24A Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
BR24A□□-WM series
Technical Note
3/17
www.rohm.com
2009.08 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
FAST-MODE and STANDARD-MODE
FAST-MODE and STANDARD-MODE are of same actions, and mode is changed. They are distinguished by action speeds.
100kHz action is called STANDARD-MODE, and 400kHz action is called FAST-MODE. This action frequency is the
maximum action frequency, so 100kHz clock may be used in FAST-MODE. At VCC=2.5V~5.5V , 400kHz, namely, action is
made in FASTMODE. (Action is made also in STANDARD-MODE.)
Sync data input / output timing
Input read at the rise edge of SCL
Data output in sync with the fall of SCL
Fig.1-(a) Sync data input / output timing
Fig.1-(b) Start-stop bit timing
Fig.1-(c) Write cycle timing
Fig.1-(d) WP timing at write execution
At write execution, in the area from the D0 taken clock rise of the first
DATA(1), to tWR, set WP=“LOW”.
By setting WP “HIGH” in the area, write can be cancelled.
When it is set WP=“HIGH” during tWR, write is forcibly ended, and data of
address under access is not guaranteed, therefore write it once again.
Fig.1-(e) WP timing at write cancel
SDA
tSU:STA
tSU:STO
tHD:STA
START BIT
STOP BIT
SCL
tHIGH:WP
WP
SDA
D1
D0
ACK
ACK
DATA(1)
DATA(n)
tWR
SCL
SDA
Write data
(
n-th address)
Stop condition
Start condition
SCL
WR
ACK
D0
SDA
(入力)
SDA
(出力)
tHD:STA
tHD:DAT
tSU:DAT
tBUF
tPD
tDH
tLOW
tHIGH
tR
tF
SCL
(input)
(output)
SCL
SDA
WP
HD:WP
ストップコンディション
WR
D1
D0
ACK
ACK
DATA(1)
DATA(n)
tSU:WP
Stop condition


Similar Part No. - BR24A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BR24A PANJIT-BR24A Datasheet
89Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
BR24A TAYCHIPST-BR24A Datasheet
1Mb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rohm
BR24A01A-WM ROHM-BR24A01A-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24A01A-WM ROHM-BR24A01A-WM Datasheet
755Kb / 32P
   Operation I2 C BUS EEPROM
BR24A01A-WM ROHM-BR24A01A-WM Datasheet
2Mb / 32P
   105C Operation I2C BUS EEPROM
More results

Similar Description - BR24A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_09 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com