Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25L010-W Datasheet(PDF) 1 Page - Rohm

Part # BR25L010-W
Description  SPI BUS Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L010-W Datasheet(HTML) 1 Page - Rohm

  BR25L010-W_08 Datasheet HTML 1Page - Rohm BR25L010-W_08 Datasheet HTML 2Page - Rohm BR25L010-W_08 Datasheet HTML 3Page - Rohm BR25L010-W_08 Datasheet HTML 4Page - Rohm BR25L010-W_08 Datasheet HTML 5Page - Rohm BR25L010-W_08 Datasheet HTML 6Page - Rohm BR25L010-W_08 Datasheet HTML 7Page - Rohm BR25L010-W_08 Datasheet HTML 8Page - Rohm BR25L010-W_08 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SPI BUS Serial EEPROMs
High Reliability Series Serial EEPROM Series
Features
BR25L series
Capacity
Bit format
Type
BR25L010-W
BR25L640-W
BR25L040-W
BR25L020-W
BR25L160-W
BR25L080-W
BR25L320-W
Power source
voltage
1.8 ~ 5.5V
1.8 ~ 5.5V
1.8 ~ 5.5V
1.8 ~ 5.5V
1.8 ~ 5.5V
1.8 ~ 5.5V
1.8 ~ 5.5V
SOP8
SOP-J8
SSOP-B8
MSOP8
TSSOP-B8J
TSSOP-B8
● High speed clock action up to 5MHz (Max.)
● Wait function by HOLD terminal
● Part or whole of memory arrays settable as read only memory area by program
● 1.8 ~ 5.5V single power source action most suitable for battery use
● Page write mode useful for initial value write at factory shipment
● Highly reliable connection by Au pad and Au wire
● For SPI bus interface (CPOL, CPHA) = (0, 0), (1, 1)
● Auto erase and auto end function at data rewrite
● Low current consumption
At write action (5V)
: 1.5mA (Typ.)
At read action (5V)
: 1.0mA (Typ.)
At standby action (5V) : 0.1
μA (Typ.)
● Address auto increment function at read action
● Write mistake prevention function
Write prohibition at power on
Write prohibition by command code (WRDI)
Write prohibition by WP pin
Write prohibition block setting by status registers (BP1, BP0)
Write mistake prevention function at low voltage
● SOP8, SOP-J8, SSOP-B8, TSSOP-B8, MSOP8 TSSOP-B8J package *1 *2
● Data at shipment Memory array : FFh, status register WPEN, BP1, BP0 : 0
● Data kept for 40 years
● Data rewrite up to 1,000,000 times
Page write
Number of
pages
Product
number
16 Byte
BR25L010-W
BR25L020-W
BR25L080-W
BR25L160-W
BR25L320-W
BR25L640-W
32 Byte
*1 BR25L080/160-W : SOP8, SOP-J8, SSOP-B8, TSSOP-B8
*2 BR25L320/640-W : SOP8, SOP-J8
BR25L040-W
Description
BR25L□□□-W series is a serial EEPROM of SPI BUS interface method.
128 X 8
256 X 8
512 X 8
1K X 8
2K X 8
4K X 8
8K X 8
1Kbit
2Kbit
4Kbit
8Kbit
16Kbit
32Kbit
64Kbit
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Supply voltage 1.8V~5.5V
Operating temperature –40°C~+85°C type
TECHNICAL NOTE
Oct. 2008
F
FJ
FVT
FVM
FVJ
FV


Similar Part No. - BR25L010-W_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
More results

Similar Description - BR25L010-W_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com