Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PMT4118 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1PMT4118
Description  POWERMITETM Low Noise 1 Watt Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1PMT4118 Datasheet(HTML) 1 Page - Microsemi Corporation

  1PMT4118 Datasheet HTML 1Page - Microsemi Corporation 1PMT4118 Datasheet HTML 2Page - Microsemi Corporation 1PMT4118 Datasheet HTML 3Page - Microsemi Corporation 1PMT4118 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWERMITE
TM
Low Noise 1 Watt Zener Diodes
S C O T TS DALE DIVISION
1PMT4614e3 thru 1PMT4627e3,
1PMT4099e3 thru 1PMT4135e3
DESCRIPTION
APPEARANCE
This Microsemi Powermite
® surface mount low noise Zener package series
provides a higher power handling capability that are also RoHS compliant.
In addition to its size advantages, Powermite
® package features include a
full-metallic bottom that eliminates the possibility of solder flux entrapment
during assembly, and a unique locking tab acts as an efficient heat path
from die to mounting plane for external heat sinking with very low thermal
resistance junction to case (bottom).
Its innovative design makes this
device ideal for use with automatic insertion equipment.
DO-216
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Surface mount equivalent to JEDEC registered
1N4099 thru 1N4135 and 1N4614 thru 1N4627
series except with additional power capability
Extensive selection from 1.8 to 100 V
Regulates voltage over a broad operating current and
temperature range
Low noise density (1-3 kHz) at test current
Low reverse leakage current
RoHS compliant
Tight tolerances available in plus or minus 2% or 1%
with C or D suffix respectively
Moisture classification Level 1 per IPC/JEDEC
J-STD-020B with no dry pack required
Nonsensitive to ESD per MIL-STD-750 Method 1020
Compatible with automatic insertion equipment
Full metallic bottom eliminates flux entrapment
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Operating and Storage Temperatures: -55
°C to +150°C
Steady-State Power: 1.0 watt at TC < 120
oC where
TC is case bottom temperature at mounting plane, or
0.5 watts at TA = 30
ºC (ambient temperature) when
mounted on FR4 PC board as described for thermal
resistance (also see power deratings in Figure 1)
Thermal Resistance: 30°C/W junction to case
(bottom) and 240°C/W junction to ambient on FR4
PC board (1 oz copper) with recommended footprint
(see last page)
Forward voltage: 1.1 Volts @ 200 mA
Solder Temperatures: 260°C for 10 s (max)
CASE: Void-free transfer molded thermosetting epoxy
compound meeting UL94V-0
FINISH: Annealed matte-Tin plating over copper and
readily solderable per MIL-STD-750 method 2026
(consult factory for Tin-Lead plating)
POLARITY: Cathode designated by Tab 1 (bottom)
MARKING: Three numerical digits of P/N and a dot
(see next page listing)
WEIGHT: 0.016 grams (approx.)
Package dimensions on last page
Tape & Reel option: Standard per EIA-481-B
3000 on 7 inch reel and 12,000 on 13” reel
Microsemi
Scottsdale Division
Page 1
Copyright
© 2007
10-15-2007 REV J
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - 1PMT4118

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1PMT4118 MICROSEMI-1PMT4118 Datasheet
210Kb / 2P
   LOW NOISE 1 WATT Zener Diodes
More results

Similar Description - 1PMT4118

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1PMT4614 MICROSEMI-1PMT4614 Datasheet
210Kb / 2P
   LOW NOISE 1 WATT Zener Diodes
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
   1 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
SMBJ5221 MICROSEMI-SMBJ5221 Datasheet
89Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
65Kb / 2P
   SILICON 1 WATT ZENER DIODES
logo
First Components Intern...
1N5229A FCI-1N5229A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
1N5230 FCI-1N5230 Datasheet
183Kb / 2P
   1/2 Watt ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com