Electronic Components Datasheet Search |
|
BR24A32-WM Datasheet(PDF) 3 Page - Rohm |
|
BR24A32-WM Datasheet(HTML) 3 Page - Rohm |
3 / 18 page BR24A□□-WM series Technical Note 3/17 www.rohm.com 2009.08 - Rev.C © 2009 ROHM Co., Ltd. All rights reserved. ● FAST-MODE and STANDARD-MODE FAST-MODE and STANDARD-MODE are of same actions, and mode is changed. They are distinguished by action speeds. 100kHz action is called STANDARD-MODE, and 400kHz action is called FAST-MODE. This action frequency is the maximum action frequency, so 100kHz clock may be used in FAST-MODE. At VCC=2.5V~5.5V , 400kHz, namely, action is made in FASTMODE. (Action is made also in STANDARD-MODE.) ● Sync data input / output timing ○ Input read at the rise edge of SCL ○ Data output in sync with the fall of SCL Fig.1-(a) Sync data input / output timing Fig.1-(b) Start-stop bit timing Fig.1-(c) Write cycle timing Fig.1-(d) WP timing at write execution ○ At write execution, in the area from the D0 taken clock rise of the first DATA(1), to tWR, set WP=“LOW”. ○ By setting WP “HIGH” in the area, write can be cancelled. When it is set WP=“HIGH” during tWR, write is forcibly ended, and data of address under access is not guaranteed, therefore write it once again. Fig.1-(e) WP timing at write cancel SDA tSU:STA tSU:STO tHD:STA START BIT STOP BIT SCL tHIGH:WP WP SDA D1 D0 ACK ACK DATA(1) DATA(n) tWR SCL SDA Write data ( n-th address) Stop condition Start condition SCL t WR ACK D0 SDA (入力) SDA (出力) tHD:STA tHD:DAT tSU:DAT tBUF tPD tDH tLOW tHIGH tR tF SCL (input) (output) SCL SDA WP t HD:WP ストップコンディション t WR D1 D0 ACK ACK DATA(1) DATA(n) tSU:WP Stop condition |
Similar Part No. - BR24A32-WM |
|
Similar Description - BR24A32-WM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |