Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24S256-W Datasheet(PDF) 9 Page - Rohm

Part # BR24S256-W
Description  I2C BUS Serial EEPROMs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24S256-W Datasheet(HTML) 9 Page - Rohm

Back Button BR24S256-W Datasheet HTML 5Page - Rohm BR24S256-W Datasheet HTML 6Page - Rohm BR24S256-W Datasheet HTML 7Page - Rohm BR24S256-W Datasheet HTML 8Page - Rohm BR24S256-W Datasheet HTML 9Page - Rohm BR24S256-W Datasheet HTML 10Page - Rohm BR24S256-W Datasheet HTML 11Page - Rohm BR24S256-W Datasheet HTML 12Page - Rohm BR24S256-W Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9/32
Notes on write cycle continuous input
Notes on page write cycle
Internal address increment
Page write mode (in the case of BR24L02-W)
List of numbers of page write
In the case BR24L02-W, 1 page=8bytes, but the page
write cycle write time is 5ms at maximum for 8byte bulk write.
It does not stand 5ms at maximum × 8byte=40ms(Max.).
Write protect (WP) terminal
Write protect (WP) function
When WP terminal is set Vcc (H level), data rewrite of all addresses is prohibited. When it is set GND (L level), data rewrite
of all address is enabled. Be sure to connect this terminal to Vcc or GND, or control it to H level or L level. Do not use it
open.
At extremely low voltage at power ON / OFF, by setting the WP terminal 'H', mistake write can be prevented.
During tWR, set the WP terminal always to 'L'. If it is set 'H', write is forcibly terminated.
W
R
I
T
E
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
WORD
ADDRESS(n)
DATA(n)
SDA
LINE
A
C
K
DATA(n+7)
A
C
K
SLAVE
ADDRESS
10
0
1A0
A1
A2
WA
7
D0
D7
D0
*1
A
C
K
Note)
WA
0
1
1
00
Next command
tWR(maximum : 5ms)
Command is not accepted for this period.
At STOP (stop bit),
write starts.
*2
*3
S
T
A
R
T
*1 BR24L01A-W becomes Don’t care.
*2 BR24L04-W, BR24L08-W, and BR24L16-W become (n+15).
*3 BR24L32-W and BR24L64-W become (n+31).
1 0
0
1A 0
A1
A2
*1 *2 *3
Fig.42 Difference of each type of slave address
Fig.41 Page write cycle
*1 In BR24L16-W, A2 becomes P2.
*2 In BR24L08-W, BR24L16-W, A1 becomes P1.
*3 In BR24L04-W, A0 becomes PS, and in BR24L08-W and
in BR24L16-W, A0 becomes P0.
Note)
WA7 ----- WA4 WA3
WA2 WA1 WA0
0
-----
0
0
0
0
0
0
-----
0
0
0
0
1
0
-----
0
0
0
1
0
0
-----
0
0
1
1
0
0
-----
0
0
1
1
1
0
-----
0
0
0
0
0
06h
Significant bit is fixed.
No digit up
Increment
For example, when it is started from address 06h,
therefore, increment is made as below,
06h → 07h → 00h → 01h ---, which please note.
06h・・・06 in hexadecimal, therefore, 00000110 becomes a
binary number.
Number of
Pages
8Byte
16Byte
32Byte
Product
number
BR24L01A-W
BR24L02-W
BR24L04-W
BR24L08-W
BR24L16-W
BR24L32-W
BR24L64-W
The above numbers are maximum bytes for respective types.
Any bytes below these can be written.


Similar Part No. - BR24S256-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24S256-W ROHM-BR24S256-W Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S256-W ROHM-BR24S256-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S256-W ROHM-BR24S256-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S256-W ROHM-BR24S256-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24S256-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L01A-W ROHM-BR24L01A-W_07 Datasheet
1Mb / 17P
   I2C BUS Serial EEPROMs
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
logo
Microchip Technology
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
   4K/8K 1.8V I2C Serial EEPROMs
1996
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com