Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU1521GVW Datasheet(PDF) 1 Page - Rohm

Part # BU1521GVW
Description  For portable image equipment Upscaler IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1521GVW Datasheet(HTML) 1 Page - Rohm

  BU1521GVW Datasheet HTML 1Page - Rohm BU1521GVW Datasheet HTML 2Page - Rohm BU1521GVW Datasheet HTML 3Page - Rohm BU1521GVW Datasheet HTML 4Page - Rohm BU1521GVW Datasheet HTML 5Page - Rohm BU1521GVW Datasheet HTML 6Page - Rohm BU1521GVW Datasheet HTML 7Page - Rohm BU1521GVW Datasheet HTML 8Page - Rohm BU1521GVW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/15
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Video Accessory IC Series
For portable image equipment
Upscaler IC
BU1521GVW
Description
BU1521GVW upscales and interpolates images when upconverting to the HDTV (Maximum 1080P) format from the usual SDTV
(NTSC/PAL) format.
High quality IP change・up scale management is realized by the frame memory less operate.
It is the LSI which is the most suitable for the compact system of the mobile.
Features
1)Input format
480i or 576i(ITUR BT656) YCbCr 4:2:2(ITUR BT601) 8bit Digital Interface
2)Output Format
480i or 576i(ITUR BT656) YCbCr 4:2:2 8bit Digital Interface
480p or 576p(SMPTE 293・ITUR BT1358) YCbCr 4:2:2 16bit Digital Interface
1080/59.94i(SMPTE 274) YCbCr 4:2:2 16bit Digital Interface
1080/50i(SMPTE 274) YCbCr 4:2:2 16bit Digital Interface
1080/59.94p(SMPTE 274) YCbCr 4:2:2 16bit Digital Interface
1080/50p(SMPTE 274) YCbCr 4:2:2 16bit Digital Interface
3)IP conversion function
Conversion function from interlace to progressive
4)Upscale function
Horizontal direction: 720 pixels pass-through or upscaling to 1920 pixels
Vertical direction: up scaling to 480, 576, 540, and 1080 pixels
5)Filter function
5 × 5 filtering function over input data
Filter coefficient is programmable with registers
6)Register access
Register read/write through the SPI interface
Burst write/read support
7)Built-in PLL
Input frequency 27MHz
Output frequency 74.25MHz,74.175824MHz,148.5MHz,148.351648MHz
8)Power-down mode and through-mode support
Power-down mode can be controlled through STBY pin or register setting.
Through-mode can be selected by register setting.
9)Supply voltage
VDD(core voltage )1.15V~1.25V、AVDD(PLL)=2.7V~3.3V、
VDDIO1(SDTV input)=1.7V~3.6V、VDDIO2(control)=2.7V~3.3V、
VDDIO3(HDTV output)=1.7V~1.9V
10)Package
63 pin, BGA package (SBGA063W060, Size = 6 mm × 6 mm, 0.65 mm pitch)
Aplications
Digital Video Camera、Digital still camera , Video game, a portable DVD
No.09069EAT02


Similar Part No. - BU1521GVW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1523KV ROHM-BU1523KV Datasheet
406Kb / 23P
   Image Correction IC for Panel
BU1523KV-E2 ROHM-BU1523KV-E2 Datasheet
406Kb / 23P
   Image Correction IC for Panel
More results

Similar Description - BU1521GVW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Panasonic Semiconductor
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
   Headphone amplifier IC for portable equipment
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
   Headphone amplifier IC for portable equipment
logo
Sanyo Semicon Device
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LV24100LP SANYO-LV24100LP Datasheet
199Kb / 18P
   Bi-CMOS IC FM and AM Tuner IC for Small Portable Equipment
logo
Active-Semi, Inc
ACT8740 ACTIVE-SEMI-ACT8740 Datasheet
111Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
111Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8780 ACTIVE-SEMI-ACT8780 Datasheet
107Kb / 2P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8740 ACTIVE-SEMI-ACT8740_08 Datasheet
716Kb / 40P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev PrB, 25-Feb-08
ACT8706 ACTIVE-SEMI-ACT8706 Datasheet
92Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com