Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6508 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N6508
Description  Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6508 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N6508_1 Datasheet HTML 1Page - Microsemi Corporation 1N6508_1 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Isolated Diode Array with
HiRel MQ, MX, MV, and MSP Screening Options
S C O T TS DALE DIVISION
1N6508
SYMBOLS & DEFINITIONS
Symbol
DEFINITION
VBR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current.
VF
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current.
IR
Maximum Leakage Current: The maximum leakage current that will flow at the specified voltage and
temperature.
Ct
Capacitance: The capacitance of the TVS as defined @ 0 volts at a frequency of 1 MHz and stated in
picofarads.
SCHEMATIC
PACKAGE DIMENSIONS
CIRCUIT
Supply rail (+VCC)
GND (or -VCC)
Steering Diode Application
FIGURE 1
I/O Port
Microsemi
Scottsdale Division
Page 2
Copyright
© 2005
6-9-2005 REV B
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - 1N6508_1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6508 MICROSEMI-1N6508 Datasheet
24Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6508 MICROSEMI-1N6508 Datasheet
36Kb / 1P
   DIODE ARRAY PRODUCT SPECIFICATION
logo
Sensitron
1N6508 SENSITRON-1N6508 Datasheet
187Kb / 3P
   ISOLATED DIODE ARRAY
More results

Similar Description - 1N6508_1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6509 MICROSEMI-1N6509_1 Datasheet
257Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
1N5768 MICROSEMI-1N5768_1 Datasheet
85Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
1N5772 MICROSEMI-1N5772_1 Datasheet
255Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
1N6100 MICROSEMI-1N6100_1 Datasheet
90Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
1N6510 MICROSEMI-1N6510_1 Datasheet
264Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
1N5774 MICROSEMI-1N5774_1 Datasheet
89Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
1N6511 MICROSEMI-1N6511_04 Datasheet
245Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
1N5770 MICROSEMI-1N5770_1 Datasheet
86Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
1N6101 MICROSEMI-1N6101_1 Datasheet
261Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
1N5772 MICROSEMI-1N5772 Datasheet
255Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com