Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU1851GUW Datasheet(PDF) 6 Page - Rohm

Part # BU1851GUW
Description  GPIO ICs Series Key Encoder IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1851GUW Datasheet(HTML) 6 Page - Rohm

Back Button BU1851GUW Datasheet HTML 2Page - Rohm BU1851GUW Datasheet HTML 3Page - Rohm BU1851GUW Datasheet HTML 4Page - Rohm BU1851GUW Datasheet HTML 5Page - Rohm BU1851GUW Datasheet HTML 6Page - Rohm BU1851GUW Datasheet HTML 7Page - Rohm BU1851GUW Datasheet HTML 8Page - Rohm BU1851GUW Datasheet HTML 9Page - Rohm BU1851GUW Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Technical Note
6/12
BU1851GUW
www.rohm.com
2009.09 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
● Functional Description
1. Power mode
The device enters the state of Power Down when XRST=”Low”. When XRST=High after powered, the device enters the standby
state.
Power On Reset
A Power On Reset logic is implemented in this device. Therefore, it will operate correctly even if the XRST port is not used.
In this case, the XRST port must be connected to high (VDD), and the PORENB port must be connected to low (VSS). If
you don’t want to use Power On reset, you must connect PORENB port to high (VDD).
Power Down State
The device enters Power Down state by XRST=”Low”. An internal circuit is initialized, and key encoding and 3wire interface
are invalid. Power On Reset becomes inactive during this state.
Stand-by State
The device enters the stand-by state by setting XRST to "High". In this state, the device is waiting for keys pressed.
When a key is pressed, the state will change to operation. Power On Reset is active in this state if PORENB = low.
Operating State
The device enters the operating state by pressing keys. The device will scan the key matrix and encode the key code,
and then the 3wire interface tries to start communication by driving KINT “Low”. See sec.2 for the details. After
communicating with host device, when no keys are pressed, the device returns to the stand-by state. Power On
Reset is active in this state if PORENB=low.
2. 3wire Interface
KSDA
KSCL
KINT
Bit7
Bit6
Bit5
Bit0
invalid
Start bit
sent by BU1851
sent by host device
Fig.5 Protocol
Figure 5 shows the protocol of BU1851. BU1851 protocol basically consists of 3 wire configuration (KINT, KSCL, and
KSDA) as shown above. Note that this 3wire interface is completely different from I2C and other standard bus interface.
Procedure
1.
When BU1851 detects key events, KINT interrupt is generated to host with driving Low.
2.
After the host detects KINT interrupt, the host is supposed to send start bit.
3.
After BU1851 detects start bit, the 8bit data (key code) transmission on KSDA will start synchronized with the rising
edge of KSCL clock signal, which is sent from the host.
4.
8 bit data are followed by “0” (9
th bit is always “0”), and then BU1851 drives High on KINT line.
timeout
Fig.6 shows the 3wire timeout sequence. It is suppose to happen when Host doesn’t response anything in a certain time.
1.
bu1851 generates KINT interrupt.
2.
But Host doesn’t response within 500ms.
3.
BU1851 stops KINT, and tries to communicate again by generating KINT.
4.
BU1851 will go into the stand-by state when the communication fails five times.


Similar Part No. - BU1851GUW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1850MUV ROHM-BU1850MUV Datasheet
414Kb / 18P
   GPIO Expander IC
BU1852GUW ROHM-BU1852GUW Datasheet
489Kb / 25P
   Keyencoder IC
BU1852GUW ROHM-BU1852GUW Datasheet
492Kb / 26P
   Keyencoder IC
BU1852GUW ROHM-BU1852GUW Datasheet
492Kb / 26P
   Keyencoder IC
BU1852GUW-E2 ROHM-BU1852GUW-E2 Datasheet
489Kb / 25P
   Keyencoder IC
More results

Similar Description - BU1851GUW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
logo
Rohm
BU1850MUV ROHM-BU1850MUV Datasheet
414Kb / 18P
   GPIO Expander IC
BU8272GUW ROHM-BU8272GUW Datasheet
391Kb / 18P
   GPIO Expander IC
logo
National Semiconductor ...
MM54C922 NSC-MM54C922 Datasheet
218Kb / 10P
   16, 20-Key Encoder
logo
Quantum Research Group
QT60248 QUANTUM-QT60248 Datasheet
867Kb / 28P
   16, 24 KEY QMATRIX ICs
logo
Princeton Technology Co...
PT2240B PTC-PT2240B_09 Datasheet
279Kb / 8P
   Encoder IC
PT4203 PTC-PT4203 Datasheet
495Kb / 4P
   Encoder IC
PT2240B PTC-PT2240B Datasheet
73Kb / 3P
   Encoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com