Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1140KA1 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJG1140KA1
Description  WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1140KA1 Datasheet(HTML) 5 Page - New Japan Radio

  NJG1140KA1 Datasheet HTML 1Page - New Japan Radio NJG1140KA1 Datasheet HTML 2Page - New Japan Radio NJG1140KA1 Datasheet HTML 3Page - New Japan Radio NJG1140KA1 Datasheet HTML 4Page - New Japan Radio NJG1140KA1 Datasheet HTML 5Page - New Japan Radio NJG1140KA1 Datasheet HTML 6Page - New Japan Radio NJG1140KA1 Datasheet HTML 7Page - New Japan Radio NJG1140KA1 Datasheet HTML 8Page - New Japan Radio NJG1140KA1 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NJG1140KA1
- 5 -
! TYPICAL CHARACTERISTICS
GENERAL CONDITIONS
: VDD=3.3V, Ta=+25
oC, Z
s=Zl=50ohm
0
2
4
6
8
10
12
14
22.5
33.5
44.5
P-1dB(IN) vs. V
DD
(f=620MHz)
V
DD
(V)
4
5
6
7
8
9
10
11
12
1
1.5
2
2.5
3
3.5
4
4.5
5
22.5
33.5
4
4.5
Gain, NF vs. V
DD
(f=620MHz)
V
DD
(V)
Gain
NF
(Exclude PCB, Connector Losses)
1
1.5
2
2.5
3
3.5
4
22.5
33.5
44.5
VSWR vs. V
DD
(f=620MHz)
V
DD
(V)
VSWRo
VSWRi
5
10
15
20
25
2
2.5
3
3.5
4
4.5
OIP3, IIP3 vs. V
DD
(f=620MHz)
V
DD
(V)
OIP3
IIP3
0
5
10
15
20
22.5
33.5
4
4.5
I
DD
vs. V
DD
(RF OFF)
V
DD
(V)


Similar Part No. - NJG1140KA1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1142KA1 NJRC-NJG1142KA1 Datasheet
692Kb / 18P
   WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1143UA2 NJRC-NJG1143UA2 Datasheet
377Kb / 15P
   GPS LOW NOISE AMPLIFIER GaAs MMIC
NJG1144KA1 NJRC-NJG1144KA1 Datasheet
463Kb / 15P
   GPS LOW NOISE AMPLIFIER GaAs MMIC
NJG1144UX2 NJRC-NJG1144UX2 Datasheet
446Kb / 14P
   GNSS LOW NOISE AMPLIFIER GaAs MMIC
NJG1145UA2 NJRC-NJG1145UA2 Datasheet
647Kb / 20P
   WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1140KA1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1142KA1 NJRC-NJG1142KA1 Datasheet
692Kb / 18P
   WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1146KG1 NJRC-NJG1146KG1 Datasheet
579Kb / 21P
   WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1152KA1 NJRC-NJG1152KA1 Datasheet
578Kb / 28P
   Wide Band Low Noise Amplifier GaAs MMIC
NJG1145UA2 NJRC-NJG1145UA2 Datasheet
647Kb / 20P
   WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
logo
M/A-COM Technology Solu...
MAAM02350 MA-COM-MAAM02350_15 Datasheet
624Kb / 5P
   Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000_16 Datasheet
940Kb / 5P
   Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
   Wide Band GaAs MMIC Amplifier
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
   Wide Band GaAs MMIC Amplifier
MAAM02350 MA-COM-MAAM02350 Datasheet
95Kb / 4P
   Wide Band GaAs MMIC Amplifier
MAAM02350-A2 MA-COM-MAAM02350-A2 Datasheet
110Kb / 3P
   Wide Band GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com