Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2819ADL3-18 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2819ADL3-18
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2819ADL3-18 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2819ADL3-18 Datasheet HTML 1Page - New Japan Radio NJM2819ADL3-18 Datasheet HTML 2Page - New Japan Radio NJM2819ADL3-18 Datasheet HTML 3Page - New Japan Radio NJM2819ADL3-18 Datasheet HTML 4Page - New Japan Radio NJM2819ADL3-18 Datasheet HTML 5Page - New Japan Radio NJM2819ADL3-18 Datasheet HTML 6Page - New Japan Radio NJM2819ADL3-18 Datasheet HTML 7Page - New Japan Radio NJM2819ADL3-18 Datasheet HTML 8Page - New Japan Radio NJM2819ADL3-18 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NJM2819A
- 3 -
Ver.2010-02-08
ELECTRICAL CHARACTERISTICS (VIN=Vo+1V, CIN=4.7µF, Co=4.7µF(Co=10µF : 1.8V≤Vo<2.1V), Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Io=100mA
-1.0%
-
+1.0%
V
Quiescent Current
IQ
Io=0mA, exclude ICONT
-
500
800
µA
Quiescent Current
at Control OFF
IQ(OFF)
VCONT=0V
-
-
1
µA
Output Current
Io
Vo - 0.3V
2
3
-
A
Line Regulation
∆Vo/∆VIN
VO>5.0V : VIN=Vo+1V ∼ 9V,
5.0V < VO ≤ 6.0V : VIN=Vo+1V ∼ 8V,
VO≤5.0V : VIN=Vo+1V ∼ 7V,
Io=100mA
-
-
0.1
%/V
Load Regulation
∆Vo/∆Io
Io=0
∼ 2.0A
-
0.05
0.4
%/A
2.1V
≤ Vo < 2.5V
-
0.14
0.25
2.5V
≤ Vo < 2.8V
-
0.11
0.20
2.8V
≤ Vo < 3.4V
-
0.10
0.18
Dropout Voltage(*2)
∆VI-O
Io=1.0A
3.4V
≤ Vo ≤ 7.0V
-
0.09
0.16
V
Ripple Rejection
RR
ein=200mVrms,f=1kHz, Io=100mA,
Vo=3V Version
-
65
-
dB
Average Temperature
Coefficient of Output Voltage
∆Vo/∆Ta
Ta=0
∼ 85°C, Io=100mA
-
± 50
-
ppm/
°C
Output Noise Voltage
VNO
f=10Hz
∼ 80kHz, Io=100mA,
Vo=3V Version
-
42
-
µVrms
Control Current
ICONT
VCONT=1.6V
-
3
12
µA
Control Voltage for ON-state
VCONT(ON)
1.6
-
-
V
Control Voltage for OFF-state
VCONT(OFF)
-
-
0.6
V
Io≤1.5A, Vo×0.96
2.3
-
-
V
Minimum Input Voltage
VIN(MIN.)
Vo<2.1V
1.5A<Io≤2.0A, Vo×0.96
2.4
-
-
V
(*2): The output voltage excludes under 2.1V.
The above specification is a common specification for all output voltages.
Therefore, it may be different from the individual specification for a specific output voltage.


Similar Part No. - NJM2819ADL3-18

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2815 NJRC-NJM2815 Datasheet
416Kb / 22P
   null1.0 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
NJM2815GM1-51A NJRC-NJM2815GM1-51A Datasheet
416Kb / 22P
   null1.0 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
NJM2815GM1-51B NJRC-NJM2815GM1-51B Datasheet
416Kb / 22P
   null1.0 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
NJM2816 NJRC-NJM2816 Datasheet
410Kb / 21P
   1.5 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
NJM2816GM1-51A NJRC-NJM2816GM1-51A Datasheet
410Kb / 21P
   1.5 A LOW DROPOUT REGULATOR WITH VOLTAGE CORRECTION CIRCUIT
Ver.1.0
More results

Similar Description - NJM2819ADL3-18

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com