Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1004A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1004A
Description  SAW Filter 942.5 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1004A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1004A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1004A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1004A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1004A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1004A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1004A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 942.5 MHz
MODEL NO.: TA1004A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 20 dBm
2.DC voltage: 3 V
3.Operating Temperature: -20
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Specification
Characteristics
Min.
Typ.
Max.
Note
Center frequency
Fc
MHz
-
942.5
-
-
Insertion loss 925~960 MHz
I.L.
dB
-
2.8
4.0
-
Ripple
925~960 MHz
dB
-
1.1
2.3
-
VSWR
925~960 MHz
-
1.5
2.1
Attenuation: ( Reference level from 0 dB )
0 ~ 800 MHz
dB
50
60
-
-
800 ~ 880 MHz
dB
40
53
-
-
880 ~ 905 MHz
dB
30
47
-
-
980 ~ 982 MHz
dB
16
27
-
-
982 ~ 1005 MHz
dB
23
29
-
-
1005 ~ 1025 MHz
dB
29
41
-
-
1025 ~ 1760 MHz
dB
40
48
-
-
1760~ 2300 MHz
dB
30
40
-
-
2300 ~ 3000 MHz
dB
20
28
-
-
Source Impedance
ZS
50
1
Load Impedance
ZL
50
1
Note1. No matching network required for operation at 50
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA1004A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1004A GOLLEDGE-TA1004A Datasheet
921Kb / 5P
   SAW Filter 942.50MHz
More results

Similar Description - TA1004A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856055 TRIQUINT-856055 Datasheet
441Kb / 5P
   942.5 MHz SAW Filter
856387 TRIQUINT-856387 Datasheet
617Kb / 7P
   942.5 MHz SAW Filter
855820 TRIQUINT-855820_15 Datasheet
344Kb / 7P
   942.5 MHz SAW Filter
855966 TRIQUINT-855966 Datasheet
707Kb / 8P
   942.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0152B TAI-SAW-TA0152B Datasheet
1Mb / 7P
   SAW Filter 942.5 MHz
TA1743B TAI-SAW-TA1743B Datasheet
625Kb / 8P
   SAW Filter 942.5 MHz
logo
TriQuint Semiconductor
856528 TRIQUINT-856528_15 Datasheet
580Kb / 5P
   942.5 MHz SAW Filter
855810 TRIQUINT-855810_15 Datasheet
532Kb / 5P
   942.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2002E MURATA-SF2002E Datasheet
536Kb / 5P
   942.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF2002E RFM-SF2002E Datasheet
239Kb / 5P
   942.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com