Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7231G Datasheet(PDF) 9 Page - Rohm

Part # BU7231G
Description  Comparators: Low Voltage CMOS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7231G Datasheet(HTML) 9 Page - Rohm

Back Button BU7231G Datasheet HTML 5Page - Rohm BU7231G Datasheet HTML 6Page - Rohm BU7231G Datasheet HTML 7Page - Rohm BU7231G Datasheet HTML 8Page - Rohm BU7231G Datasheet HTML 9Page - Rohm BU7231G Datasheet HTML 10Page - Rohm BU7231G Datasheet HTML 11Page - Rohm BU7231G Datasheet HTML 12Page - Rohm BU7231G Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Technical Note
BU7251G,BU7251SG, BU7231G,BU7231SG,
BU7252F/FVM,BU7252S F/FVM,BU7232F/FVM,BU7232S F/FVM
9/18
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
12
34
5
6
SUPPLY VOLTAGE [V]
60
80
100
120
140
160
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
BU7231 series
(*) The above date is ability value of sample, it is not guaranteed. BU7231G:-40[℃] to+85[℃] BU7231SG:-40[℃] to+105[℃]
-40℃
25℃
85℃
105℃
BU7231 family
Input Offset Voltage – Supply Voltage
(Vicm=VDD, Vout=0.1[V])
0
1
2
3
4
5
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
Propagation Delay L-H
– Ambient Temperature
BU7231 family
0.0
0.3
0.6
0.9
1.2
1.5
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7231 family
Propagation Delay H-L– Ambient Temperature
60
80
100
120
140
160
12
3
4
56
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7231 family
Large Signal Voltage Gain – Supply Voltage
0
20
40
60
80
100
120
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
BU7231 family
Power Supply Rejection Ratio
– Ambient Temperature
0
20
40
60
80
100
120
1
2
34
56
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7231 family
Common Mode Rejection Ratio
– Supply Voltage (VDD=3[V])
-15
-10
-5
0
5
10
15
-1
01
23
4
INPUT VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7231 family
Input Offset Voltage – Input Voltage
(VDD=3[V])
3.0V
5.5V
1.8V
BU7231 family
Large Signal Voltage Gain
– Ambient Temperature
0
20
40
60
80
100
120
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7231 family
Common Mode Rejection Ratio
– Ambient Temperature (VDD=3[V])
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
BU7231 family
5.5V
1.8V
3.0V
Input Offset Voltage – Ambient Temperature
(Vicm=VDD, Vout=0.1[V])
Fig. 57
Fig. 58
Fig. 59
Fig. 60
Fig. 61
Fig. 62
Fig. 63
Fig. 64
Fig. 65
Fig. 66


Similar Part No. - BU7231G

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7231G ROHM-BU7231G Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7231G-E2 ROHM-BU7231G-E2 Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7231G-TR ROHM-BU7231G-TR Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
More results

Similar Description - BU7231G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS372C STMICROELECTRONICS-TS372C Datasheet
51Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATORS
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TSX3702 STMICROELECTRONICS-TSX3702 Datasheet
597Kb / 24P
   Micropower dual CMOS voltage comparators
February 2015 Rev 2
TS393 STMICROELECTRONICS-TS393_08 Datasheet
155Kb / 12P
   Micropower dual CMOS voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com