Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7265SG Datasheet(PDF) 2 Page - Rohm

Part # BU7265SG
Description  SILICON MONOLITHIC INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7265SG Datasheet(HTML) 2 Page - Rohm

  BU7265SG Datasheet HTML 1Page - Rohm BU7265SG Datasheet HTML 2Page - Rohm BU7265SG Datasheet HTML 3Page - Rohm BU7265SG Datasheet HTML 4Page - Rohm BU7265SG Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. D
○ELECTRICAL CHARACTERISTICS (unless otherwise specified VDD=+3[V]、VSS=0[V])
Parameter
Symbol
Temperature
range
Guaranteed Limit
Unit
Condition
Min.
Typ.
Max.
Input offset voltage(*4)
Vio
25℃
-
1
8.5
mV
Input offset current(*4)
Iio
25℃
-
1
-
pA
Input bias current(*4)
Ib
25℃
-
1
-
pA
Supply current(*6)
IDD
25℃
-
0.35
0.9
μA
RL=∞ All Op-Amps
AV=0[dB],VIN=1.5[V]
Full range
-
-
1.3
High level output voltage
VOH
25℃
VDD-0.1
-
-
V
RL=10[kΩ]
Low level output voltage
VOL
25℃
-
-
VSS+0.1
V
RL=10[kΩ]
Large signal voltage gain
AV
25℃
60
95
-
dB
RL=10[kΩ]
Input common mode voltage
Vicm
25℃
0
-
3
V
VSS~VDD
Common mode rejection ratio
CMRR
25℃
45
60
-
dB
Power supply rejection ratio
PSRR
25℃
60
80
-
dB
Output source current(*5)
IOH
25℃
1
2.4
-
mA
VDD-0.4[V]
Output sink current(*5)
IOL
25℃
2
4
-
mA
VSS+0.4[V]
Slew rate
SR
25℃
-
2.4
-
V/ms
CL=25[pF]
Gain band width
FT
25℃
-
4
-
kHz
CL=25[pF],AV=40[dB]
Phase margin
θ
25℃
-
60°
-
CL=25[pF],AV=40[dB]
(*4) Absolute value
(*5) Reference to power dissipation under the high temperature environment and decide the output current.
Continuous short circuit is occurring the degenerate of output current characteristics.
(*6) Full range BU7265:-40[℃]~+85[℃] BU7265S:-40[℃]~+105[℃]


Similar Part No. - BU7265SG

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7265SG ROHM-BU7265SG Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
BU7265SG ROHM-BU7265SG Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265SG ROHM-BU7265SG Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
BU7265SG-TR ROHM-BU7265SG-TR Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
BU7265SG-TR ROHM-BU7265SG-TR Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
More results

Similar Description - BU7265SG

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com