Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7232SF Datasheet(PDF) 1 Page - Rohm

Part # BU7232SF
Description  Comparators: Low Voltage CMOS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7232SF Datasheet(HTML) 1 Page - Rohm

  BU7232SF Datasheet HTML 1Page - Rohm BU7232SF Datasheet HTML 2Page - Rohm BU7232SF Datasheet HTML 3Page - Rohm BU7232SF Datasheet HTML 4Page - Rohm BU7232SF Datasheet HTML 5Page - Rohm BU7232SF Datasheet HTML 6Page - Rohm BU7232SF Datasheet HTML 7Page - Rohm BU7232SF Datasheet HTML 8Page - Rohm BU7232SF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/18
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
High speed
Single
BU7251 G
Dual
BU7252 F/FVM
(BU7252S F/FVM:105 ℃)
Low power
Single
BU7231 G
Dual
(BU7231SG:105 ℃)
BU7232 F/FVM
(BU7232S F/FVM:105 ℃)
(BU7251SG:105 ℃)
ROHM’s Selection Operational Amplifier/Comparator Series
Comparators:
Low Voltage CMOS
BU7251G,BU7251SG,BU7231G,BU7231SG,
BU7252F/FVM,BU7252S F/FVM,BU7232F/FVM,BU7232S F/FVM
Description
CMOS comparator BU7251/BU7231family and BU7252/BU7232 family are input full swing and push pull output comparator.
These ICs integrate one op-amp or two independent op-amps and phase compensation capacitor on a single chip.
The features of these ICs are low operating supplyVoltage that is +1.8V to +5.5V(single supply) and low supply current,
extremely low input bias current.
Features
1) Low operating supply voltage (+1.8[V]~+5.5[V])
2) +1.8 [V]~+5.5[V](single supply)
±0.9[V]~±2.75[V](split supply)
3) Input and Output full swing
4) Push-pull output type
5) High speed operation
(BU7251 family, BU7252 family)
6) Low supply current
(BU7231 family, BU7232 family)
7) Internal ESD protection
Human body model (HBM) ±4000[V](Typ.)
8) Wide temperature range
-40[℃]~+85[℃]
(BU7251G,BU7252 family, BU7231G, BU7232 family)
-40[℃]~+105[℃]
(BU7251SG,BU7252S family, BU7231SG,BU7232S family)
Pin Assignments
1
2
3
4
8
7
5
OUT1
IN1-
IN1+
VSS
VDD
OUT2
IN2-
IN2+
CH1
- +
CH2
+ -
6
1
2
3
5
4
IN-
VSS
IN+
VDD
OUT
 
SOP8
SSOP5
MSOP8
BU7252F
BU7252SF
BU7232F
BU7232SF
BU7252FVM
BU7252SFVM
BU7232FVM
BU7232SFVM
BU7251G
BU7251SG
BU7231G
BU7231SG
No.09049EAT06


Similar Part No. - BU7232SF

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7232SF ROHM-BU7232SF Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7232SF-E2 ROHM-BU7232SF-E2 Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7232SF-TR ROHM-BU7232SF-TR Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7232SFVM ROHM-BU7232SFVM Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7232SFVM-E2 ROHM-BU7232SFVM-E2 Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
More results

Similar Description - BU7232SF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS372C STMICROELECTRONICS-TS372C Datasheet
51Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATORS
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TSX3702 STMICROELECTRONICS-TSX3702 Datasheet
597Kb / 24P
   Micropower dual CMOS voltage comparators
February 2015 Rev 2
TS393 STMICROELECTRONICS-TS393_08 Datasheet
155Kb / 12P
   Micropower dual CMOS voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com