Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7232SFVM Datasheet(PDF) 4 Page - Rohm

Part # BU7232SFVM
Description  Comparators: Low Voltage CMOS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7232SFVM Datasheet(HTML) 4 Page - Rohm

  BU7232SFVM Datasheet HTML 1Page - Rohm BU7232SFVM Datasheet HTML 2Page - Rohm BU7232SFVM Datasheet HTML 3Page - Rohm BU7232SFVM Datasheet HTML 4Page - Rohm BU7232SFVM Datasheet HTML 5Page - Rohm BU7232SFVM Datasheet HTML 6Page - Rohm BU7232SFVM Datasheet HTML 7Page - Rohm BU7232SFVM Datasheet HTML 8Page - Rohm BU7232SFVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Technical Note
BU7251G,BU7251SG, BU7231G,BU7231SG,
BU7252F/FVM,BU7252S F/FVM,BU7232F/FVM,BU7232S F/FVM
4/18
0
10
20
30
40
50
-60
-30
0
30
60
90
120
AM BIENT TEMPERATURE [℃]
Example of electrical characteristics
BU7251 family
(*) The above date is ability value of sample, it is not guaranteed. BU7251G:-40[℃] to+85[℃] BU7251SG:-40[℃] to+105[℃]
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE [V]
0
10
20
30
40
50
60
12
3
4
56
SUPPLY VOLTAGE [V]
Supply Current – Supply Voltage
25℃
-40℃
85℃
105℃
BU7251 family
0
200
400
600
800
050
100
150
AMBIENT TEMPERATURE [℃]
BU7251SG
BU7251 family
Derating Curve
1.8V
5.5V
3.0V
Supply Current – Ambient
Temperature
BU7251 family
0
2
4
6
123
4
56
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
105℃
Output Voltage High – Supply Voltage
(RL=10[kΩ])
BU7251 family
0
2
4
6
8
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
Output Voltage High – Ambient Temperature
(RL=10[kΩ])
BU7251 family
0
1
2
3
4
5
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
Output Source Current – Ambient Temperature
(VOUT=VDD-0.4[V])
BU7251 family
0
10
20
30
40
50
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
Output Voltage Low – Ambient
Temperature(RL=10[kΩ])
1.8V
5.5V
3.0V
BU7251 family
-40℃
25℃
85℃
105℃
Output Source Current – Supply
Voltage(VDD=3[V])
BU7251 family
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7251 family
Output Sink Current – Output Voltage
(VDD=3[V])
0
5
10
15
20
-60
-30
0
306090
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7251 family
Output Sink Current – Ambient Temperature
(VOUT=VSS+0.4[V])
0
10
20
30
40
50
123456
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7251 family
Output Voltage Low – Supply Voltage
(RL=10[kΩ])
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [℃]
BU7251G
BU7251 family
Derating Curve
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Fig. 5
Fig. 6
Fig. 7
Fig. 8
Fig. 9
Fig. 10
Fig. 11
Fig. 12


Similar Part No. - BU7232SFVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7232SFVM ROHM-BU7232SFVM Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7232SFVM-E2 ROHM-BU7232SFVM-E2 Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
BU7232SFVM-TR ROHM-BU7232SFVM-TR Datasheet
455Kb / 17P
   Low Voltage CMOS Comparator
More results

Similar Description - BU7232SFVM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS372C STMICROELECTRONICS-TS372C Datasheet
51Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATORS
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TSX3702 STMICROELECTRONICS-TSX3702 Datasheet
597Kb / 24P
   Micropower dual CMOS voltage comparators
February 2015 Rev 2
TS393 STMICROELECTRONICS-TS393_08 Datasheet
155Kb / 12P
   Micropower dual CMOS voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com