Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7462FVM Datasheet(PDF) 5 Page - Rohm

Part # BU7462FVM
Description  Low Voltage Operation CMOS Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7462FVM Datasheet(HTML) 5 Page - Rohm

  BU7462FVM Datasheet HTML 1Page - Rohm BU7462FVM Datasheet HTML 2Page - Rohm BU7462FVM Datasheet HTML 3Page - Rohm BU7462FVM Datasheet HTML 4Page - Rohm BU7462FVM Datasheet HTML 5Page - Rohm BU7462FVM Datasheet HTML 6Page - Rohm BU7462FVM Datasheet HTML 7Page - Rohm BU7462FVM Datasheet HTML 8Page - Rohm BU7462FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
BU7261G,BU7261SG,BU7241G,BU7241SG,BU7262F/FVM,BU7262SF/FVM,BU7242F/FVM,BU7242SF/FVM
BU7461G,BU7461SG,BU7441G,BU7441SG,BU7462F/FVM,BU7462SF/FVM,BU7442F/FVM,BU7442SF/FVM
Technical Note
5/32
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Ground Sense
BU7461G,BU7461SG,BU7441G,BU7441SG
BU7462F/FVM,BU7462S F/FVM, BU7442F/FVM,BU7442S F/FVM
Features
1) Operable low power supply +1.7[V]~+5.5[V]
2) +1.7[V]~+5.5[V](single supply)
±0.85[V]~2.75[V](split supply)
3) Operable input-ground sense, output-full swing
4) High slew rate (BU7461 family , BU7462 family)
5) Low supply current (BU7441 family , BU7442 family)
6) Wide temperature range
-40[℃]~+85[℃]
(BU7461G,BU7462 family , BU7441G,BU7442 family)
-40[℃]~+105[℃]
(BU7461SG,BU7462S family , BU7441SG,BU7442S family)
Electrical characteristics
BU7461 family , BU7462 family (Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Guaranteed limit
Unit
Condition
BU7461G,BU7461SG
Min.
Typ.
Max.
Input Offset Voltage
(*8)(*9)
Vio
25℃
-
1
6
mV
-
Input Offset Current
(*8)
Iio
25℃
-
1
-
pA
-
Input Bias Current
(*8)
Ib
25℃
-
1
-
pA
-
Supply Current
(*9)
IDD
25℃
-
150
350
μA
RL=∞ All Op-Amps
AV=0[dB],VIN=0.9[V]
Full range
-
-
450
High Level Output Voltage
VOH
25℃
VDD-0.1
-
-
V
RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
-
-
VSS+0.1
V
RL=10[kΩ]
Large Single Voltage Gain
AV
25℃
70
95
-
dB
RL=10[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
0
-
1.8
V
VSS~VDD-1.2[V]
Common-mode Rejection Ratio
CMRR
25℃
45
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25℃
60
80
-
dB
-
Output Source Current
(*10)
IOH
25℃
4
8
-
mA VDD-0.4[V]
Output Sink Current
(*10)
IOL
25℃
6
12
-
mA VSS+0.4[V]
Slew Rate
SR
25℃
-
1.0
-
V/μs CL=25[pF]
Gain Bandwidth Product
FT
25℃
-
1
-
MHz CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
-
50°
-
-
CL=25[pF], AV=40[dB]
Total Harmonic Distortion
THD
25℃
-
0.05
-
%
VOUT=1[Vp-p],f=1[kHz]
Parameter
Symbol
Temperature
Range
Guaranteed limit
Unit
Condition
BU7462 F/FVM
BU7462S F/FVM
Min.
Typ.
Max.
Input Offset Voltage
(*8)(*9)
Vio
25℃
-
1
6
mV
-
Input Offset Current
(*8)
Iio
25℃
-
1
-
pA
-
Input Bias Current
(*8)
Ib
25℃
-
1
-
pA
-
Supply Current
(*9)
IDD
25℃
-
300
700
μA
RL=∞ All Op-Amps
AV=0[dB],VIN=0.9[V]
Full range
-
-
900
High Level Output Voltage
VOH
25℃
VDD-0.1
-
-
V
RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
-
-
VSS+0.1
V
RL=10[kΩ]
Large Single Voltage Gain
AV
25℃
70
95
-
dB
RL=10[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
0
-
1.8
V
VSS~VDD-1.2[V]
Common-mode Rejection Ratio
CMRR
25℃
45
60
-
dB
-
Power Supply Rejection Ratio
PSRR
25℃
60
80
-
dB
-
Output Source Current
(*10)
IOH
25℃
4
8
-
mA VDD-0.4[V]
Output Sink Current
(*10)
IOL
25℃
6
12
-
mA VSS+0.4[V]
Slew Rate
SR
25℃
-
1.0
-
V/μs CL=25[pF]
Gain Bandwidth Product
FT
25℃
-
1
-
MHz CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
-
50°
-
-
CL=25[pF], AV=40[dB]
Total Harmonic Distortion
THD
25℃
-
0.05
-
%
VOUT=1[Vp-p],f=1[kHz]
(*8)
Absolute value
(*9)
Full range: BU7461, BU7462:Ta=-40[℃] to +85[℃] BU7461S, BU7462S:Ta=-40[℃] to +105[℃]
(*10) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Similar Part No. - BU7462FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7462FVM ROHM-BU7462FVM Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7462FVM-TR ROHM-BU7462FVM-TR Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7462FVM-TR ROHM-BU7462FVM-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
More results

Similar Description - BU7462FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Renesas Technology Corp
HA1630Q01 RENESAS-HA1630Q01_15 Datasheet
491Kb / 26P
   Low Voltage Operation CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com