Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA676-24 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA676-24
Description  0.125 to 0.400 AMPS, 1,200 to 5,000 VOLTS STANDARD RECOVERY SINGLE PHASE BRIDGE RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA676-24 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA676-24 Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0076A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information1/
SDA676 -
__ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Peak Inverse Voltage
12 = 1,200V, 18 = 1,800V,
24 = 2,400V, 30 = 3,000V
36 = 3,600V, 42 = 4,200V
48 = 4,800V, 50 = 5,000V.
SDA676-12 thru SDA676-50
0.125 to 0.400 AMPS, 1,200 to 5,000 VOLTS
STANDARD RECOVERY
SINGLE PHASE BRIDGE RECTIFIER
FEATURES:
Miniature High Voltage Bridges
0.125 to 0.400 Amp Ratings
PIV 1,200 to 5,000 Volts
Reverse Recovery Time 500ns Maximum
Controlled Avalanche Characteristics
Available in Fast, Ultra Fast and Hyper Fast
Versions
TX, TXV, and S-Level Screening Available
Superior Replacement for Unitrode 676 Series
ELECTRICAL CHARACTERISTICS3/
Part Number
Peak Inverse
Voltage
(per leg)
Body
Size
Reverse
Recovery
Time
4/
Average DC Output Current
TC=Case Temp
Non-Repetitive
Sinusoidal Surge
(8.3ms)
Maximum Forward
Voltage Drop
(per leg)
Maximum Reverse
Current (per leg)
@ PIV
Symbol
PIV
Trr
IF (AV)
IFSM
VF
IR
Units
kV
ns
Amps
Amps
Volts Amps
μA
Conditions
Max
Air 25
oC
Oil 100
oC
VF
IF
25
oC
100
oC
SDA676-12
1.2
J
500
0.400
1.000
30
3.3
0.50
5
150
SDA676-18
1.8
K
500
0.350
0.850
30
4.0
0.50
5
150
SDA676-24
2.4
L
500
0.325
0.800
20
5.5
0.50
5
150
SDA676-30
3.0
M
500
0.250
0.625
20
7.7
0.50
5
150
SDA676-36
3.6
N
500
0.175
0.425
20
8.8
0.40
5
150
SDA676-42
4.2
O
500
0.150
0.375
20
9.5
0.35
5
150
SDA676-48
4.8
P
500
0.135
0.325
20
10
0.30
5
150
SDA676-50
5.0
P
500
0.125
0.300
20
10
0.25
5
150
NOTES:
1. For Ordering Information, Price, Curves,
and Availability - Contact Factory.
2. Screened to MIL-PRF-19500.
3. Unless Otherwise Specified, TA = 25ºC.
4. Recovery Conditions:
IF = 10mA, IR = 10mA, IRR = 5mA
LENGTH
.437
MAX
.30
±.03
.437 MAX
.30±.03
1.25 MIN
1.25 MIN
4x Ø.032
+
--
AC
Body Size
J
K
L
M
N
O
P
LENGTH, MAX
0.562”
0.668”
0.875”
1.125”
1.250”
1.375”
1.625”


Similar Part No. - SDA676-24

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
   Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
logo
List of Unclassifed Man...
SDA601 ETC1-SDA601 Datasheet
155Kb / 2P
   TSG 601 Serial Component Generator, SDA 601 Serial Digital Analyzer
logo
Siemens Semiconductor G...
SDA6102X SIEMENS-SDA6102X Datasheet
596Kb / 16P
   TV SAT PLL WITH I2C BUS AND FOUR CHIP ADDRESSES
logo
Solid States Devices, I...
SDA628 SSDI-SDA628 Datasheet
44Kb / 2P
   18 AMPS 300 V ULTRA FAST SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA628 SSDI-SDA628 Datasheet
39Kb / 2P
   ULTRA FAST SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - SDA676-24

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA165A SSDI-SDA165A Datasheet
57Kb / 2P
   10 AMPS 50 - 1000 VOLTS STANDARD RECOVERY SINGLE PHASE BRIDGE
SDA138A SSDI-SDA138A_1 Datasheet
125Kb / 1P
   STANDARD RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA117A SSDI-SDA117A_1 Datasheet
114Kb / 1P
   STANDARD RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA295A SSDI-SDA295A Datasheet
53Kb / 2P
   5 AMPS 50 - 1000 VOLTS STANDARD RECOVERY THREE PHASE BRIDGE
SDA267AUF SSDI-SDA267AUF Datasheet
155Kb / 2P
   10 AMPS 50 ??1000 VOLTS ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA403A SSDI-SDA403A Datasheet
29Kb / 2P
   6 AMPS STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER ASSEMBLY
logo
Micro Commercial Compon...
ESDB101 MCC-ESDB101 Datasheet
83Kb / 3P
   1 Amp Single Phase Fast Recovery Bridge Rectifier 50 to 200 Volts
logo
Solid States Devices, I...
SDA165DUF SSDI-SDA165DUF Datasheet
26Kb / 2P
   10 AMPS 400 - 1000 VOLTS ULTRAFAST RECOVERY SINGLE PHASE BRIDGE
RA0011B SSDI-RA0011B_15 Datasheet
108Kb / 2P
   STANDARD RECOVERY SINGLE PHASE BRIDGE
RA0009 SSDI-RA0009_15 Datasheet
58Kb / 2P
   STANDARD RECOVERY SINGLE PHASE BRIDGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com