Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR9RFTXV Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR9RFTXV
Description  7.0 AMP FAST RECOVERY RECTIFIER 1300 ??1500 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR9RFTXV Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR9RFTXV Datasheet HTML 1Page - Solid States Devices, Inc SDR9RFTXV Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0137A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR9 __ __ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Recovery Time
F =Fast Recovery (200 nS max)
Voltage/Family
P = 1300V
R = 1400V
T = 1500V
SDR7PF thru SDR7TF
Series
7.0 AMP
FAST RECOVERY RECTIFIER
1300 ─ 1500 VOLTS
FEATURES:
PIV to 1500 Volts
Hermetically Sealed
Low Reverse Leakage Current
Single Chip Construction
Replaces Larger DO-4 Rectifiers
Low Thermal Resistance
Available in Axial & Square Tab Versions
TX, TXV, and S-Level Screening Available
2/
Standard, and Ultra Fast Recovery Versions
Available- Contact Factory
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
And DC Blocking Voltage
SDR7PF
SDR7RF
SDR7TF
VRRM
VRWM
VR
1300
1400
1500
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TA = 25°C )
IO
7.0
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave, superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25°C)
IFSM
70
Amps
Operating & Storage Temperature
TJ and
TSTG
-65 to +175
°C
Thermal Resistance
Junction to Lead for Axial, L =.125"
Junction to End Tab for Surface Mount
RθJL
RθJE
8
4
°C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact
Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Axial Leaded
SMS


Similar Part No. - SDR9RFTXV

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR9R SSDI-SDR9R Datasheet
83Kb / 2P
   STANDARD RECOVERY RECTIFIER
More results

Similar Description - SDR9RFTXV

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BY133 MCC-BY133_13 Datasheet
242Kb / 3P
   1 Amp Rectifier 1300 Volts
BY133 MCC-BY133 Datasheet
223Kb / 3P
   1 Amp Rectifier 1300 Volts
logo
Powerex Power Semicondu...
R9G20415 POWEREX-R9G20415 Datasheet
768Kb / 4P
   Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
logo
Solid States Devices, I...
SDR1P SSDI-SDR1P Datasheet
155Kb / 2P
   1 AMP 1300 ??1900 VOLTS 70 nsec ULTRA FAST RECTIFIER
SDR3PF SSDI-SDR3PF Datasheet
199Kb / 2P
   3 AMPS, 1300-1800 VOLTS 650 nsec FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
BY133GP MCC-BY133GP Datasheet
354Kb / 3P
   1 Amp Glass Passivated Rectifier 1300 Volts
GS1R-L MCC-GS1R-L Datasheet
249Kb / 4P
   1.0 Amp Glass Passivated Rectifier 1300 Volts
FR8J MCC-FR8J_13 Datasheet
263Kb / 4P
   8 Amp Fast Recovery Rectifier 600 Volts
FR8J MCC-FR8J Datasheet
229Kb / 4P
   8 Amp Fast Recovery Rectifier 600 Volts
TFR602G MCC-TFR602G Datasheet
1Mb / 2P
   6 Amp Fast Recovery Rectifier 120 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com