Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU8272GUW Datasheet(PDF) 9 Page - Rohm

Part # BU8272GUW
Description  GPIO Expander IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU8272GUW Datasheet(HTML) 9 Page - Rohm

Back Button BU8272GUW Datasheet HTML 5Page - Rohm BU8272GUW Datasheet HTML 6Page - Rohm BU8272GUW Datasheet HTML 7Page - Rohm BU8272GUW Datasheet HTML 8Page - Rohm BU8272GUW Datasheet HTML 9Page - Rohm BU8272GUW Datasheet HTML 10Page - Rohm BU8272GUW Datasheet HTML 11Page - Rohm BU8272GUW Datasheet HTML 12Page - Rohm BU8272GUW Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Technical Note
9/17
BU8272GUW
www.rohm.com
2009.09 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
1.4
Acknowledge
After start condition is occurred, 8 bits data will be transferred. Then the “Master” opens SDA and “Slave” de-asserts SDA to
“0” as an “Acknowledge” returned.
Fig. 8
Acknowledge
1.5
Writing protocol
A writing protocol is shown in Fig.8-5 below. GPIO register address in BU8272GUW is transferred after one byte of slave
address with a write commend. The 3
rd byte data is written to internal register which defined by the 2nd byte. After the each
byte transfer, the register address will be automatically increased. However, when the register address increased to the final
address (09h), it will be reset to (00h) after the byte transfer.
GPIO register address (00h) is assigned to GPIO register[7:0], the register address (01h) is assigned to GPIO register[15:8],
and the register address (02h) is assigned to GPIO register[19:16]. Only the 4 bits LSB data are valid in the register with
GPIO register address (02h).
Fig. 9 Writing protocol
SCL
1
2
8
9
SDA output
from “Master”
SDA output
from “Slave”
Acknowledg
e
Not acknowledge
S
START condition
Clock pulse
For Acknowledgs
S
A
A
A P
data
Register address
Slave address
Transmit from master
Transmit from slave
A=acknowledge
A=not acknowledge
S=Start condition
P=Stop condition
R/W=0(write)
data
A
Register address
increment
Register address
increment
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
XXXX A3 A2 A1 A0
XX
XX
XX
0
X


Similar Part No. - BU8272GUW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU8241F ROHM-BU8241F Datasheet
215Kb / 11P
   Cross point mixer for telephones
BU8241FS ROHM-BU8241FS Datasheet
215Kb / 11P
   Cross point mixer for telephones
BU8242F ROHM-BU8242F Datasheet
215Kb / 11P
   Cross point mixer for telephones
BU8244F ROHM-BU8244F Datasheet
215Kb / 11P
   Cross point mixer for telephones
BU8254GUW ROHM-BU8254GUW Datasheet
450Kb / 21P
   35bit LVDS Transmitter
More results

Similar Description - BU8272GUW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1850MUV ROHM-BU1850MUV Datasheet
414Kb / 18P
   GPIO Expander IC
logo
Exar Corporation
XRA1402IG16-0B EXAR-XRA1402IG16-0B Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
XRA1402 EXAR-XRA1402 Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
logo
Texas Instruments
TCA6418E TI1-TCA6418E Datasheet
853Kb / 30P
[Old version datasheet]   I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
logo
Texas Instruments
TCA6418EYFPR TI1-TCA6418EYFPR Datasheet
796Kb / 29P
[Old version datasheet]   I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
logo
Exar Corporation
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com