Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9833GUL-W Datasheet(PDF) 4 Page - Rohm

Part # BU9833GUL-W
Description  Silicon Monolithic Integrated Circuit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9833GUL-W Datasheet(HTML) 4 Page - Rohm

  BU9833GUL-W Datasheet HTML 1Page - Rohm BU9833GUL-W Datasheet HTML 2Page - Rohm BU9833GUL-W Datasheet HTML 3Page - Rohm BU9833GUL-W Datasheet HTML 4Page - Rohm BU9833GUL-W Datasheet HTML 5Page - Rohm BU9833GUL-W Datasheet HTML 6Page - Rohm BU9833GUL-W Datasheet HTML 7Page - Rohm BU9833GUL-W Datasheet HTML 8Page - Rohm BU9833GUL-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4/12
REV. A
SDA
SCL
WP
A2
2 Kbit EEPROM ARRAY
ADDRESS
DECODER
SLAVE・WORD
ADDRESS REGISTER
DATA
REGISTER
CONTOROL LOGIC
HIGH VOLTAGE GEN.
VCC LEVEL DETECT
8bit
8bit
8bit
ACK
START
STOP
VCC
GND
◇PIN CONFIGURATION
◇PIN NAME
Land No.
PIN NAME
I/O
FUNCTIONS
C2
VCC
-
Power Supply
C1
A2
IN
Slave Address Set
B2
WP
IN
Write Protect Input
B1
GND
-
Ground (0V)
A2
SCL
IN
Serial Clock Input
A1
SDA
IN/OUT
Slave and Word Address,
Serial Data Input, Serial Data Output *1
*1 An open drain output requires a pull-up resister.
◇AC OPERATING CHARACTERISTICS (Unless otherwise specified Ta=-40~85℃、VCC=1.7~5.5V)
Fig.-2 BLOCK DIAGRAM
C
○○
B
○○
A
○○
12
INDEX POST
A1
A2
B1
B2
C1
C2
Fig.-3 BU9833GUL-W(bottom view)


Similar Part No. - BU9833GUL-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9833GUL-W ROHM-BU9833GUL-W Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-WE2 ROHM-BU9833GUL-WE2 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-WE2 ROHM-BU9833GUL-WE2 Datasheet
756Kb / 28P
   WLCSP EEPROM
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-W ROHM-BU9833GUL-W_12 Datasheet
756Kb / 28P
   WLCSP EEPROM
More results

Similar Description - BU9833GUL-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com