Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU16020KV Datasheet(PDF) 8 Page - Rohm

Part # BU16020KV
Description  3 for input 1 output switch with Termination sense correspondence
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU16020KV Datasheet(HTML) 8 Page - Rohm

Back Button BU16020KV Datasheet HTML 4Page - Rohm BU16020KV Datasheet HTML 5Page - Rohm BU16020KV Datasheet HTML 6Page - Rohm BU16020KV Datasheet HTML 7Page - Rohm BU16020KV Datasheet HTML 8Page - Rohm BU16020KV Datasheet HTML 9Page - Rohm BU16020KV Datasheet HTML 10Page - Rohm BU16020KV Datasheet HTML 11Page - Rohm BU16020KV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Technical Note
8/19
BU16018KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
●ERECTRICAL SPECIFICATIONS
1.) ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted)
(1)
※70mm×70mm×1.6mm glass epoxy board mount.(Reverse Cu occupation rate:15mm×15mm)
When it’s used by than Ta=25℃, it’s reduced by 12mW/℃.
2.) RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
Supply voltage
3.0
3.3
3.6
V
TA
Operating free-air temperature
0
-
70
TMDS DIFFERENTIAL PINS (A/B)
VID
Receiver peak-to-peak differential input voltage
150
-
1560
mVp-p
VIC
Input common mode voltage
VCC-0.6
-
VCC+0.01
V
RVSADJ
Resistor for TMDS compliant voltage swing range
4.6
4.64
4.68
K
AVCC
TMDS output termination voltage
3.0
3.3
3.6
V
RT
Termination resistance
45
50
55
Signaling rate
0
-
2.25
Gbps
CONTROL PINS (S1,S2)
VIH
LVTTL High-level input voltage
2
-
VCC
V
VIL
LVTTL Low-level input voltage
GND
-
0.8
V
STATUS(HPD_SINK)
VIH
LVTTL High-level input voltage
2.4
-
5.5
V
VIL
LVTTL Low-level input voltage
GND
-
0.8
V
DDC PINS (SCL_SINK, SDA_SINK,SDA[3:1],SCL[3:1])
VI(DDC)
Input voltage
GND
-
5.5
V
ITEM
MIN.
TYP.
MAX.
UNIT
Power supply voltage(Vcc)
-0.3
-
4.0
V
DDC,HPD_SINK input voltage
-0.3
-
6.0
V
Differential input voltage
2.5
-
4.0
V
PRE, S1, S2, S3, OE
_____
input voltage
-0.3
-
4.0
V
Power dissipation
-
-
1200 ※1
mW
Storage temperature range
-55
-
125


Similar Part No. - BU16020KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU16020KV ROHM-BU16020KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16020KV ROHM-BU16020KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16020KV ROHM-BU16020KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
More results

Similar Description - BU16020KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
Adels-Contact
979V43T5 ADELS-979V43T5 Datasheet
123Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
979V43T3 ADELS-979V43T3 Datasheet
124Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
979V43T2 ADELS-979V43T2 Datasheet
123Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com