Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1074A Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1074A
Description  SAW Filter 1882.5 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1074A Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1074A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1074A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1074A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1074A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1074A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1074A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1074A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
H. RECOMMENDED REFLOW PROFILE :


Similar Part No. - TA1074A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1074A GOLLEDGE-TA1074A Datasheet
131Kb / 7P
   SAW Filter 1882.50MHz
More results

Similar Description - TA1074A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1074B TAI-SAW-TA1074B Datasheet
213Kb / 8P
   SAW Filter 1882.5 MHz
logo
TriQuint Semiconductor
856992 TRIQUINT-856992_15 Datasheet
375Kb / 6P
   1882.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2233E MURATA-SF2233E Datasheet
812Kb / 5P
   1882.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF2233E RFM-SF2233E Datasheet
812Kb / 5P
   1882.5 MHz SAW Filter
logo
TriQuint Semiconductor
885048 TRIQUINT-885048_15 Datasheet
410Kb / 6P
   1882.5 MHz BAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com