Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA188DDCAUFS Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDA188DDCAUFS
Description  50 Amps Centertap Ultra Fast Rectifier Assembly 400 - 900 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA188DDCAUFS Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDA188DDCAUFS Datasheet HTML 1Page - Solid States Devices, Inc SDA188DDCAUFS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0051A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA188UF Series
Case Outline:
TOLERANCE: XX±..03
XXX±..020
FRACTIONAL = NOM DIM
ELECTRICAL CHARACTERISTICS
Part
Number
CT= Common Cathode
CA= Common Anode
D= Doubler
Peak
Inverse
Voltage
(per leg)
Average
Rectified
Forward
Current
Average
Rectified
Forward
Current
Peak Surge
Current
(1 Cycle)
Forward
Voltage Drop
(per leg)
300
μsec Pulse
Reverse
Leakage
Current
(per leg)
@ rated PIV
300
μsec Pulse
Reverse Recovery
Time
Symbol
PIV
IO
IO
IF
VF
IR
trr
Units
Volts
Amps
Amps
Amps
Volts
μA
ns
Conditions
55
oC
100
oC
TA= 25
oC
25
oC
25
oC
IF = 0.5 A, IR = 1A,
IRR = 0.25 A,
TA =25
oC
SDA188_D_UF
400
50
33
350
2.0
15
100
SDA188_E_UF
600
50
33
350
2.0
15
100
SDA188_F_UF
800
50
33
350
2.0
15
100
SDA188_G_UF
900
50
33
350
2.0
15
100


Similar Part No. - SDA188DDCAUFS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA188A SSDI-SDA188A Datasheet
148Kb / 2P
   50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
SDA188_A SSDI-SDA188_A Datasheet
148Kb / 2P
   50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
SDA188_B SSDI-SDA188_B Datasheet
148Kb / 2P
   50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
SDA188_C SSDI-SDA188_C Datasheet
148Kb / 2P
   50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
SDA188_D SSDI-SDA188_D Datasheet
148Kb / 2P
   50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
More results

Similar Description - SDA188DDCAUFS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR936CTM SSDI-SDR936CTM Datasheet
232Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST CENTERTAP RECTIFIER
SFA40PME SSDI-SFA40PME Datasheet
411Kb / 2P
   68 AMPS 400 - 600 VOLTS 40 nsec HYPER FAST PDSITIVE CENTERTAP RECTIFIER
SDR1004UF SSDI-SDR1004UF Datasheet
207Kb / 2P
   100 AMPS ULTRA FAST RECOVERY RECTIFIER 400- 1000 VOLTS
SDR936M SSDI-SDR936M Datasheet
42Kb / 2P
   30 AMPS 600 - 900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR1004 SSDI-SDR1004 Datasheet
241Kb / 2P
   100 amps ultra fast recovery rectifier 400-1000 volts
SDR5807CT SSDI-SDR5807CT Datasheet
318Kb / 2P
   12 AMPS 50 - 300 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR966CTN SSDI-SDR966CTN Datasheet
60Kb / 2P
   60 AMP 600 - 900 Volts 80 nsec Ultra Fast Recovery Centertap Rectifier
1N3879 SSDI-1N3879 Datasheet
201Kb / 2P
   6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
SDA188A SSDI-SDA188A Datasheet
148Kb / 2P
   50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
RU0101 SSDI-RU0101_15 Datasheet
233Kb / 2P
   ULTRA FAST CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com