Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU16020KV Datasheet(PDF) 9 Page - Rohm

Part # BU16020KV
Description  1 for input 1 output buffer with Termination sense correspondence
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU16020KV Datasheet(HTML) 9 Page - Rohm

Back Button BU16020KV Datasheet HTML 5Page - Rohm BU16020KV Datasheet HTML 6Page - Rohm BU16020KV Datasheet HTML 7Page - Rohm BU16020KV Datasheet HTML 8Page - Rohm BU16020KV Datasheet HTML 9Page - Rohm BU16020KV Datasheet HTML 10Page - Rohm BU16020KV Datasheet HTML 11Page - Rohm BU16020KV Datasheet HTML 12Page - Rohm BU16020KV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Technical Note
9/17
BU16024KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN.
TYP.
(1)
MAX
DDC Input and output
Tx (SDA_SINK , SCL_SINK )
IlkR
Input leak current,
VI = 5.5V
-10
-
10
uA
IlkT
Input leak current,
VI = Vcc
-10
-
10
uA
IOHT
High-level output current
VO = 3.6V
-10
-
10
uA
IILT
Low-level input current
VIL = GND
-10
-
10
uA
VOLT
Low-level
output voltage
RL = 4.7k
SELREF = NC
0.43
-
0.57
V
SELREF= GND
0.58
-
0.72
SELREF = Vcc
0.73
-
0.87
VOLT - VIL
Low-level input voltage below
output
low-level voltage
SELREF = NC
-
100
-
mV
SELREF= GND
-
250
-
SELREF = Vcc
-
400
-
Rx (SDA, SCL)
Il kR
Input leak current
VI = 5.5V
-10
-
10
uA
Il kR
Input leak current
VI = Vcc
-10
-
10
uA
I OHR
High-level output current
VO = 3.6V
-10
-
10
uA
I I LR
Low-level input current
VIL = GND
-10
-
10
uA
VOLR
Low-level output voltage
IOUT = 4mA
-
-
0.2
V
STATUS PINS
( HPD )
VOH (TT L)
TTL High–level output voltage
IOH = - 8mA
2.4
-
Vcc
V
VOL (TT L)
TTL Low–level output voltage
IOL = 8mA
0
-
0.4
V
CONTROL PINS
(PRE, OEB)
IIH
High–level digital input current
VIH = Vcc
-10
-
10
uA
IIL
Low–level digital input current
VIL = GND
-10
-
10
uA
CONTROL PINS
(I
2CEN, SELREF,)
IIH
High–level digital input current
VIH = Vcc
-45
-
45
uA
IIL
Low–level digital input current
VIL = GND
-45
-
45
uA
STATUS PINS (HPD_SINK)
II H
High–level digital input current
VIH = 5.5V
10
50
100
uA
VIH = Vcc
5
30
80
uA
II L
Low–level digital input current
VIL = GND
-10
-
10
uA


Similar Part No. - BU16020KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU16020KV ROHM-BU16020KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16020KV ROHM-BU16020KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16020KV ROHM-BU16020KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
More results

Similar Description - BU16020KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16025MUV ROHM-BU16025MUV_11 Datasheet
427Kb / 17P
   1 for input 1 output buffer (Sync with OE)
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com