Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU21010MUV Datasheet(PDF) 1 Page - Rohm

Part # BU21010MUV
Description  Capacitive Sensor Switch Control IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21010MUV Datasheet(HTML) 1 Page - Rohm

  BU21010MUV Datasheet HTML 1Page - Rohm BU21010MUV Datasheet HTML 2Page - Rohm BU21010MUV Datasheet HTML 3Page - Rohm BU21010MUV Datasheet HTML 4Page - Rohm BU21010MUV Datasheet HTML 5Page - Rohm BU21010MUV Datasheet HTML 6Page - Rohm BU21010MUV Datasheet HTML 7Page - Rohm BU21010MUV Datasheet HTML 8Page - Rohm BU21010MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/14
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Capacitive Sensor Control IC Series
Capacitive Sensor Switch
Control IC
BU21010MUV
Description
BU21010MUV are the capacitive sensor controller with 8 channels respectively. Half of sensor ports are available to use to
LED driver. Also gesture function can recognize the short touch, long touch and finger motion.
Features
1) Gesture function
2) LED driver
3) 2 wire serial interface
4) Power supply = 2.5V to 3.3V, I/O power supply = 1.7V to 3.3V
5) Integrated 10bit AD converter, clock and reset
6) Package VQFN016V3030
Applications
It is possible to use it widely as a switch such as a Mobile phone, Portable equipment, and Audiovisual apparatuses.
Absolute Maximum Ratings (Ta=25℃)
PARAMETER
SYMBOL
RATING
UNIT
MIN
MAX
APPLIED VOLTAGE
AVDD
-0.3
4.5
V
DVDD
-0.3
4.5
INPUT VOLTAGE
VAIN
-0.3
AVDD + 0.3
V
VDIN
-0.3
DVDD + 0.3
STORAGE TEMPERATURE RANGE
Tstg
-55
125
POWER DISSIPATION
Pd
215
mW
Recommended Operating conditions
PARAMETER
SYMBOL
RATING
UNIT
MIN
TYP
MAX
APPLIED VOLTAGE
AVDD
2.5
3.0
3.3
V
DVDD
1.7
3.0
3.3
V
OPERATINGTEMPERATURE RANGE
Topr
-40
25
85
No.09048EBT02


Similar Part No. - BU21010MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21018MWV ROHM-BU21018MWV Datasheet
163Kb / 5P
   Silicon Monolithic IC
More results

Similar Description - BU21010MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
BU21008MUV ROHM-BU21008MUV Datasheet
698Kb / 17P
   Capacitive Sensor Switch Control IC
BU21051FS ROHM-BU21051FS Datasheet
274Kb / 7P
   Capacitive Sensor Switch Control IC
BU21009MUV ROHM-BU21009MUV Datasheet
331Kb / 14P
   Capacitive Sensor Switch Control IC
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
   Capacitive Sensor Signal Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com