Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2117ACUTR Datasheet(PDF) 10 Page - Microsemi Corporation

Part # NX2117ACUTR
Description  SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2117ACUTR Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button NX2117ACUTR Datasheet HTML 6Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 7Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 8Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 9Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 10Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 11Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 12Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 13Page - Microsemi Corporation NX2117ACUTR Datasheet HTML 14Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NX2116/2116A/2116B/2117/2117A
10
Rev. 3.0
03/14/06
Case 2:
F
LC<FESR<FO
40dB/decade
20dB/decade
loop gain
LC
F
ESR
F
compensator
power stage
FZ1 Z2
F
O
F
FP2
P1
F
Figure 5 - Bode plot of Type III compensator
(F
LC<FESR<FO)
If electrolytic capacitors are used as output
capacitors, typical design example of type III
compensator in which the crossover frequency is
selected as F
LC<FESR<FO and FO<=1/10~1/5Fs is shown
as the following steps. Here two SANYO MV-WG1500
with 13 m
Ω is chosen as output capacitor.
1. Calculate the location of LC double pole F
LC
and ESR zero F
ESR.
LC
OUT
OUT
1
F
2
LC
1
2
1uH 3000uF
2.9kHz
=
×π ××
=
×π ××
=
ESR
OUT
1
F
2
ESRC
1
2
6.5m
3000uF
8.2kHz
=
×π ××
=
×π ×
Ω×
=
2. Set R
2 equal to 10kΩ.
×
Ω×
=
=Ω
2
REF
1
OUT
REF
RV
10k
0.8V
R =
8k
V
-V
1.8V-0.8V
Choose R
1=8kΩ.
3. Set zero F
Z2 = FLC and Fp1 =FESR .
4. Calculate C
3 .
3
2
z2
p1
1
11
C =
(-)
2
R
FF
1
11
=
(-)
2
10k
2.9kHz 8.2kHz
=3.5nF
×
×π×
×
×π ×Ω
Choose C
3=3.3nF.
5. Calculate R
3 .
3
P13
1
R
2
FC
1
2
8.2kHz 3.3nF
5.9k
=
×π ××
=
×π ××
=Ω
Choose R
3 =5.9kΩ.
6. Calculate R
4 with FO=60kHz.
OSC
O
23
4
in
23
V2
F
L
RR
R=
V
ESR
RR
1.5V
2
60kHz 1uH 10k
5.9k
=
12V
6.5m
10k
5.9k
=26.9k
×π × ××
××
+
×π ×
×
Ω ×Ω
××
Ω +Ω
Choose R
4=26.7kΩ.
5. Calculate C
2 with zero Fz1 at 75% of the LC
double pole by equation (11).
2
Z14
1
C
2
FR
1
2
0.75 2.9kHz 26.7k
2nF
=
×π ××
=
×π ×
×
×Ω
=
Choose C
2=2.2nF.
6. Calculate C
1 by equation (14) with pole Fp2 at
half the switching frequency.
1
4
P2
1
C
2
RF
1
2
26.7k
300kHz
20pF
=
×π ××
=
×π ×
Ω×
=
Choose C
1=22pF.


Similar Part No. - NX2117ACUTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2113 MICROSEMI-NX2113 Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113A MICROSEMI-NX2113A Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113ACMTR MICROSEMI-NX2113ACMTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113ACUTR MICROSEMI-NX2113ACUTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113CMTR MICROSEMI-NX2113CMTR Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
More results

Similar Description - NX2117ACUTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
logo
Cherry Semiconductor Co...
CS5166 CHERRY-CS5166 Datasheet
435Kb / 22P
   5-Bit Synchronous CPU Controller with Power-Good and Current Limit
logo
ON Semiconductor
CS5166 ONSEMI-CS5166 Datasheet
899Kb / 25P
   5?묪it Synchronous CPU Controller with Power Good and Current Limit
July, 2006 ??Rev. 4
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048_16 Datasheet
426Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
logo
International Rectifier
IRU3039 IRF-IRU3039 Datasheet
182Kb / 22P
   SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
logo
Cherry Semiconductor Co...
CS5166H CHERRY-CS5166H Datasheet
440Kb / 22P
   5-Bit Synchronous CPU Controller with Power-Good and Current Limit
logo
International Rectifier
IRU3073 IRF-IRU3073 Datasheet
238Kb / 21P
   SYNCHRONOUS PWM CONTROLLER WITH OVER-CURRENT PROTECTION / LDO CONTROLLER
logo
Linear Technology
LTC4257-1 LINER-LTC4257-1 Datasheet
267Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
LTC4257-1 LINER-LTC4257-1_15 Datasheet
276Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
logo
List of Unclassifed Man...
AT1368 ETC-AT1368 Datasheet
549Kb / 13P
   1- Channel Synchronous Buck PWM Controller with Power Good Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com