Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU90030G Datasheet(PDF) 2 Page - Rohm

Part # BU90030G
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU90030G Datasheet(HTML) 2 Page - Rohm

  BU90030G Datasheet HTML 1Page - Rohm BU90030G Datasheet HTML 2Page - Rohm BU90030G Datasheet HTML 3Page - Rohm BU90030G Datasheet HTML 4Page - Rohm BU90030G Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. A
Block diagram
External dimention/Pin layout
Electrical characteristics (unless otherwise specified VBAT=2.5[v], Ta=25[c])
Item
Symbol
Rating
Unit
Condition
Min.
Typ.
Max.
【Voltage Control part】
Output voltage 1
Vcpout1
3.8
4.0
4.2
V
Cfly=COUT=1uF
Output voltage 2
Vcpout2
3.6
-
-
V
VCC=2.0V, IOUT=40mA,
Cfly=COUT=1.0uF
Oscillator circuit
Maximum
Oscillator frequency
Fosc
1.0
1.5
2.0
MHz
VCC=2.0V, VOUT=3.8V,
VOUT=40mA
Output discharge circuit
Discharge resistor
RDIS
300
600
900
Ω
VCC=2.5V, VOUT=4.0V
【SHD part
SHD
pin pull down resistor
RSHD
100
200
400
SHD
pin control
voltage
Operation
VSHDH
1.4
-
4.0
V
Non operation
VSHDL
0
-
0.4
V
【Circuit current
Circuit current at shutdown
ISHD
-
0
5
uA
* No design for durability against radiation
1PIN MARK


Similar Part No. - BU90030G

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
1Mb / 14P
   Output 1.0A High-efficiency Step-down Switching regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ_11 Datasheet
1Mb / 14P
   Output 1.0A High-efficiency Step-down Switching regulators with Built-in Power MOSFET
More results

Similar Description - BU90030G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com