Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2141CUTR Datasheet(PDF) 10 Page - Microsemi Corporation

Part # NX2141CUTR
Description  SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2141CUTR Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button NX2141CUTR Datasheet HTML 6Page - Microsemi Corporation NX2141CUTR Datasheet HTML 7Page - Microsemi Corporation NX2141CUTR Datasheet HTML 8Page - Microsemi Corporation NX2141CUTR Datasheet HTML 9Page - Microsemi Corporation NX2141CUTR Datasheet HTML 10Page - Microsemi Corporation NX2141CUTR Datasheet HTML 11Page - Microsemi Corporation NX2141CUTR Datasheet HTML 12Page - Microsemi Corporation NX2141CUTR Datasheet HTML 13Page - Microsemi Corporation NX2141CUTR Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
NX2141
10
Rev. 1.6
05/15/07
Figure 11 - Step VIN response(CH1 Vout AC(50mV/
div), CH3 VIN(5V/div), CH4 SW(5V/div))
Figure 12 - Enlarged Figure 11 (CH1 Vout AC(50mV/
div), CH3 VIN(5V/div), CH4 SW(5V/div))
Figure 13 - Step into precharged output (CH1 EN (2V/
div), CH3 OUTPUT CURRENT(10A/div), CH4
VOUT(500mV/div))
efficinecy vs Iout(VIn=19V)
74.00%
76.00%
78.00%
80.00%
82.00%
84.00%
86.00%
0
2
4
6
8
10
12
Iout(A)
efficinecy vs Iout(VIn=12V)
79.00%
80.00%
81.00%
82.00%
83.00%
84.00%
85.00%
86.00%
87.00%
88.00%
89.00%
0
2
4
6
8
10
12
Iout(A)
Figure 14 - Soft start(CH1 EN(2V/div),CH2 output
current(10A/div), CH3 VOUT(500mV/div))
Demoboard waveforms(cont'd)
Figure 16 - Efficiency(VIN=19V, VOUT=1V)
Figure 15 - Efficiency(VIN=12V, VOUT=1V)


Similar Part No. - NX2141CUTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2142 MICROSEMI-NX2142 Datasheet
525Kb / 18P
   SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
NX2142A MICROSEMI-NX2142A Datasheet
525Kb / 18P
   SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
NX2142ACUTR MICROSEMI-NX2142ACUTR Datasheet
525Kb / 18P
   SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
NX2142CUTR MICROSEMI-NX2142CUTR Datasheet
525Kb / 18P
   SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
NX2147 MICROSEMI-NX2147 Datasheet
492Kb / 11P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH DYNAMIC VOLTAGE ADJUSTMENT
More results

Similar Description - NX2141CUTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2715 MICROSEMI-NX2715 Datasheet
715Kb / 21P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH NMOS LDO CONTROLLER, PGOOD INDICATOR AND ENABLE
NX2142 MICROSEMI-NX2142 Datasheet
525Kb / 18P
   SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
NX2138 MICROSEMI-NX2138 Datasheet
605Kb / 16P
   SINGLE CHANNEL MOBILE PWM CONTROLLER
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
logo
Microsemi Corporation
NX2147 MICROSEMI-NX2147 Datasheet
492Kb / 11P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH DYNAMIC VOLTAGE ADJUSTMENT
logo
Fairchild Semiconductor
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4841 MICRO-LINEAR-ML4841 Datasheet
282Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
ML4801 MICRO-LINEAR-ML4801 Datasheet
248Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com