Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1129A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1129A
Description  SAW Filter 2017.5MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1129A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1129A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1129A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1129A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1129A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1129A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1129A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1129A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C.OUTLINE DRAWING:
: Year/Month Code (Follow the table)
Year/Month
1
2
3
4
5
6
7
8
9
10
11
12
2005
A
B
C
D
E
F
G
H
J
K
L
M
2006
N
P
Q
R
S
T
U
V
W
X
Y
Z
2007
a
b
c
d
e
f
g
h
j
k
l
m
2008
n
p
q
r
s
t
u
v
w
x
y
z
2009
A
B
C
D
E
F
G
H
J
K
L
M
2010
N
P
Q
R
S
T
U
V
W
X
Y
Z
D. MEASUREMENT CIRCUIT:
A : Unbalance Input
C,D : Balance Output
B,E : Ground
Unit : mm
200 Ω
15nH
W


Similar Part No. - TA1129A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1129A GOLLEDGE-TA1129A Datasheet
132Kb / 6P
   SAW Filter 2017.50MHz
More results

Similar Description - TA1129A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1095A TAI-SAW-TA1095A Datasheet
456Kb / 8P
   SAW Filter 2017.5MHz
TA1108A TAI-SAW-TA1108A Datasheet
398Kb / 7P
   SAW Filter 2017.5MHz
logo
SIPAT Co,Ltd
LBT201803 SIPAT-LBT201803 Datasheet
165Kb / 3P
   2017.5MHz SAW Filter 15MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1193A TAI-SAW-TA1193A Datasheet
155Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1126A TAI-SAW-TA1126A Datasheet
155Kb / 7P
   SAW Filter 2017.5MHz 15 MHz BW SMD 1.4X1.1 mm
TE0117A TAI-SAW-TE0117A Datasheet
241Kb / 7P
   SAW Filter 1900/2017.5MHz (BW 40/15MHz) SMD 3.0x3.0 mm
TE0143A TAI-SAW-TE0143A Datasheet
673Kb / 13P
   Filter 1900 / 2017.5MHz 40/15MHz BW Band39/ Band34 SMD1.5X1.1 mm
TE0143B TAI-SAW-TE0143B Datasheet
1Mb / 13P
   Filter 1900 / 2017.5MHz 40/15MHz BW Band39/ Band34 SMD1.5X1.1 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com