Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2147CMTR Datasheet(PDF) 7 Page - Microsemi Corporation

Part # NX2147CMTR
Description  SINGLE CHANNEL MOBILE PWM CONTROLLER WITH DYNAMIC VOLTAGE ADJUSTMENT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2147CMTR Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button NX2147CMTR Datasheet HTML 3Page - Microsemi Corporation NX2147CMTR Datasheet HTML 4Page - Microsemi Corporation NX2147CMTR Datasheet HTML 5Page - Microsemi Corporation NX2147CMTR Datasheet HTML 6Page - Microsemi Corporation NX2147CMTR Datasheet HTML 7Page - Microsemi Corporation NX2147CMTR Datasheet HTML 8Page - Microsemi Corporation NX2147CMTR Datasheet HTML 9Page - Microsemi Corporation NX2147CMTR Datasheet HTML 10Page - Microsemi Corporation NX2147CMTR Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NX2147
7
Rev. 1.6
03/09/09
Rev. 1.8
12/28/09
Figure 3 - Demo board schematic
7
VIN 7V~22V
TON
HDRV
BST
SW
LDRV
VREF_OC
VOUT
ENSW
/MODE
5V
10
VCC
PVCC
Vout (see table below) /12A
AGND
499k
9
2
15
6
1
10
8
11
13
12
16
1u
1u
2R5TPE330MC
200k
1n
FDS6294
FDS6676AS
1uH
330uF
PGND
D1
4
D0
5
GPIO0
14
GPIO1
6
VP
3
10n
0.1u
100k
88.7k
634k
R1
R2
R3
R4
R5
C1
C2
C3
C4
C5
C6
Lo
M1
M2
CI1
2x10uF
CO1
R6
10
470p
R7
C7
LOAD
1u
2.2
R8
TYPICAL APPLICATION
(VIN=7V to 22V, VOUT=1.09V/12A)
GPIO0 GPIO1 VOUT(V)
1
1
1.17
0
1
1.09
1
0
0.95
0
0
0.9
VOUT TABLE:


Similar Part No. - NX2147CMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2141 MICROSEMI-NX2141 Datasheet
915Kb / 21P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
NX2141CMTR MICROSEMI-NX2141CMTR Datasheet
915Kb / 21P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
NX2141CUTR MICROSEMI-NX2141CUTR Datasheet
915Kb / 21P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
NX2142 MICROSEMI-NX2142 Datasheet
525Kb / 18P
   SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
NX2142A MICROSEMI-NX2142A Datasheet
525Kb / 18P
   SINGLE CHANNEL PWM CONTROLLER WITH FEEDFORWARD AND 5V BIAS REGULATOR
More results

Similar Description - NX2147CMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2138 MICROSEMI-NX2138 Datasheet
605Kb / 16P
   SINGLE CHANNEL MOBILE PWM CONTROLLER
NX2141 MICROSEMI-NX2141 Datasheet
915Kb / 21P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH FEEDFORWARD AND ENABLE
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Microsemi Corporation
NX2715 MICROSEMI-NX2715 Datasheet
715Kb / 21P
   SINGLE CHANNEL MOBILE PWM CONTROLLER WITH NMOS LDO CONTROLLER, PGOOD INDICATOR AND ENABLE
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
   Single Output Mobile-Friendly PWM Controller
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Maxim Integrated Produc...
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com