Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2632 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM2632
Description  Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2632 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM2632 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 11Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 12Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 13Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Production Data
WM2632
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 April 2001
9
SERIAL INTERFACE
INTERFACE MODES
The control interface can operate in two different modes:
In the microcontroller mode, FS needs to be held low until all 16 data bits have been
transferred. If FS is driven high before the 16
th falling clock edge, the data transfer is cancelled.
The DAC is updated after a rising edge on FS.
In DSP mode, FS only needs to stay low for 20ns, and can go high before the 16
th falling clock
edge.
SCLK
FS
X
DIN
D15
D14
D1
D0
X
E15
E14
E1
E0
X
F15
F14
X
Figure 7 Interface Timing in Microcontroller Mode
E1
SCLK
FS
X
DIN
D15
D14
D1
D0
E15
E14
E0
X
X
F15
F14
X
Figure 8 Interface Timing in DSP Mode
The operating mode is selected using pin 17 (MODE).
MODE PIN (17)
INTERFACE MODE
HIGH
Microcontroller
LOW or unconnected
DSP mode
Table 2 Interface Mode Selection
SERIAL CLOCK AND UPDATE RATE
Figure 1 shows the interface timing. The maximum serial clock rate is:
MHz
t
t
f
WL
WH
SCLK
31
1
min
min
max
=
+
=
Since a data word contains 16 bits, the sample rate is limited to
()
MHz
t
t
f
WL
WH
s
95
.
1
16
1
min
min
max
=
+
=
However, the DAC settling time to 8 bits accuracy limits the response time of the analogue output for
large input step transitions.


Similar Part No. - WM2632

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630CDT WOLFSON-WM2630CDT Datasheet
126Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630IDT WOLFSON-WM2630IDT Datasheet
126Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
   Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631CDT WOLFSON-WM2631CDT Datasheet
131Kb / 13P
   Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
More results

Similar Description - WM2632

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
   Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2629 WOLFSON-WM2629 Datasheet
119Kb / 13P
   Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
   12-bit Serial Input Voltage Output DAC with Internal Reference
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
   Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
   Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
   Quad 8-Bit Serial Input Voltage Output DAC
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2608 WOLFSON-WM2608 Datasheet
128Kb / 13P
   Octal 10-bit, Serial Input, Voltage Output DAC with Power Down
WM5628L WOLFSON-WM5628L Datasheet
370Kb / 15P
   3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com