Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2305CSTR Datasheet(PDF) 8 Page - Microsemi Corporation

Part # NX2305CSTR
Description  SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2305CSTR Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button NX2305CSTR Datasheet HTML 4Page - Microsemi Corporation NX2305CSTR Datasheet HTML 5Page - Microsemi Corporation NX2305CSTR Datasheet HTML 6Page - Microsemi Corporation NX2305CSTR Datasheet HTML 7Page - Microsemi Corporation NX2305CSTR Datasheet HTML 8Page - Microsemi Corporation NX2305CSTR Datasheet HTML 9Page - Microsemi Corporation NX2305CSTR Datasheet HTML 10Page - Microsemi Corporation NX2305CSTR Datasheet HTML 11Page - Microsemi Corporation NX2305CSTR Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NX2305
8
Rev.5.0
08/19/08
APPLICATION INFORMATION
Symbol Used In Application Information:
VIN
- Input voltage
VOUT
- Output voltage
IOUT
- Output current
DVRIPPLE - Output voltage ripple
FS
- Switching frequency
DIRIPPLE
- Inductor current ripple
Design Example
Power stage design requirements:
VIN=12V
VOUT=1.8V
IOUT =10A
DVRIPPLE <=20mV
DVTRAN<=100mV @ 10A step
FS=300kHz
Output Inductor Selection
The selection of inductor value is based on induc-
tor ripple current, power rating, working frequency and
efficiency. Larger inductor value normally means smaller
ripple current. However if the inductance is chosen too
large, it brings slow response and lower efficiency. Usu-
ally the ripple current ranges from 20% to 40% of the
output current. This is a design freedom which can be
decided by design engineer according to various appli-
cation requirements. The inductor value can be calcu-
lated by using the following equations:
IN
OUT
OUT
OUT
RIPPLE
INS
RIPPLE
OUTPUT
V -VV
1
L=
I
VF
I
=kI
××
×
...(1)
where k is between 0.2 to 0.4.
Select k=0.3, then
××
×
OUT
OUT
12V-1.8V 1.8V1
L=
0.3 10A
12V
300kHz
L
=1.7uH
Choose LOUT=2.2uH, then coilcraft inductor
DO5010P-222HC is a good choice.
Current Ripple is calculated as
××
×
×=
IN
OUT
OUT
RIPPLE
OUT
INS
V -VV
1
I=
L
VF
12V-1.8V
1.8V1
=
2.3A
2.2uH
12V
300kHz
...(2)
Output Capacitor Selection
Output capacitor is basically decided by the
amount of the output voltage ripple allowed during steady
state(DC) load condition as well as specification for the
load transient. The optimum design may require a couple
of iterations to satisfy both condition.
Based on DC Load Condition
The amount of voltage ripple during the DC load
condition is determined by equation(3).
=
× ∆+
××
RIPPLE
RIPPLE
RIPPLE
S
OUT
I
V
ESRI
8 FC
...(3)
Where ESR is the output capacitors' equivalent
series resistance,C
OUT is the value of output capacitors.
Typically when large value capacitors are selected
such as Aluminum Electrolytic,POSCAP and OSCON
types are used, the amount of the output voltage ripple
is dominated by the first term in equation(3) and the
second term can be neglected.
For this example, POSCAP are chosen as output
capacitors, the ESR and inductor current typically de-
termines the output voltage ripple.
=
=Ω
RIPPLE
desire
RIPPLE
V
20mV
ESR
=
8.7m
I
2.3A
...(4)
If low ESR is required, for most applications, mul-
tiple capacitors in parallel are better than a big capaci-
tor. For example, for 20mV output ripple, POSCAP
2R5TPE470M9 with 9m
Ω are chosen.
E
R IPPLE
R IPPLE
ES RI
N
V
×∆
=
...(5)
Number of Capacitor is calculated as
Ω×
=
9m
2.3A
N
20mV
N =1.03
The number of capacitor has to be round up to a
integer. Choose N =2.


Similar Part No. - NX2305CSTR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX2301P PHILIPS-NX2301P Datasheet
370Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1-26 October 2010
logo
ZP Semiconductor
NX2301P ZPSEMI-NX2301P Datasheet
318Kb / 3P
   20 V, 2 A P-channel Trench MOSFET
logo
Nexperia B.V. All right...
NX2301P NEXPERIA-NX2301P Datasheet
916Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1 - 26 October 2010
logo
VBsemi Electronics Co.,...
NX2301P VBSEMI-NX2301P Datasheet
476Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
More results

Similar Description - NX2305CSTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
logo
Texas Instruments
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
   SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com