Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2422 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # NX2422
Description  TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2422 Datasheet(HTML) 4 Page - Microsemi Corporation

  NX2422 Datasheet HTML 1Page - Microsemi Corporation NX2422 Datasheet HTML 2Page - Microsemi Corporation NX2422 Datasheet HTML 3Page - Microsemi Corporation NX2422 Datasheet HTML 4Page - Microsemi Corporation NX2422 Datasheet HTML 5Page - Microsemi Corporation NX2422 Datasheet HTML 6Page - Microsemi Corporation NX2422 Datasheet HTML 7Page - Microsemi Corporation NX2422 Datasheet HTML 8Page - Microsemi Corporation NX2422 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NX2422
4
Rev.2.1
12/01/08
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Supply Voltage(Vcc)
Rise Time
TLdrv(Rise)
10% to 90%
34
ns
Fall Time
TLdrv(Fall)
90% to 10%
18
ns
Current Sense
Amplifier(CS+, CS-)
Input Offset Voltage
-2
2
mV
Voltage Gain
29.7
30
30.3
V/V
OVP Threshold
OVP Threshold
percent of Vp
130
%
FB UVLO Threshold
FB UVLO Threshold
percent of Vp
70
%
REFIN VOLTAGE
REFIN Voltage Range
0.4
2.5
V
Disable Voltage Threshold
0.3
0.35
0.4
V
Threshold Enable Internal
Reference
75
%VCC
5V AUX REG
Regout Output Voltage High
VIN=12V, PVCC=3V
11
V
Regout Output Voltage Low
VIN=12V,
PVCC=5.8V,
VCCDRV connected to 12V
by 1k resistor
2
V
Internal Schottky Diode
Forward voltage drop
forward current=10mA
600
mV
Deadband Time
Tdead(H to
L)
SW going Low to Ldrv going
High, 10% to 10%
10
ns
ns
Propagation Delay
Tdealy(H)
IN going High to Ldrv going
Low
14


Similar Part No. - NX2422

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2423 MICROSEMI-NX2423 Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
NX2423CMTR MICROSEMI-NX2423CMTR Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
More results

Similar Description - NX2422

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2423 MICROSEMI-NX2423 Datasheet
654Kb / 20P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER, DIFFERENTIAL CURRENT SENSE & 5V BIAS REGULATOR
NX2415 MICROSEMI-NX2415 Datasheet
654Kb / 21P
   TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER AND DIFFERENTIAL CURRENT SENSE
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Renesas Technology Corp
ISL6310 RENESAS-ISL6310 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
logo
Intersil Corporation
ISL6310 INTERSIL-ISL6310 Datasheet
593Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL6310 INTERSIL-ISL6310_06 Datasheet
639Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8102 INTERSIL-ISL8102 Datasheet
711Kb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL8102 RENESAS-ISL8102 Datasheet
1Mb / 27P
   Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com