Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU31TA2WNVX-TR Datasheet(PDF) 3 Page - Rohm

Part # BU31TA2WNVX-TR
Description  High-speed Load Response FULL CMOS LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU31TA2WNVX-TR Datasheet(HTML) 3 Page - Rohm

  BU31TA2WNVX-TR Datasheet HTML 1Page - Rohm BU31TA2WNVX-TR Datasheet HTML 2Page - Rohm BU31TA2WNVX-TR Datasheet HTML 3Page - Rohm BU31TA2WNVX-TR Datasheet HTML 4Page - Rohm BU31TA2WNVX-TR Datasheet HTML 5Page - Rohm BU31TA2WNVX-TR Datasheet HTML 6Page - Rohm BU31TA2WNVX-TR Datasheet HTML 7Page - Rohm BU31TA2WNVX-TR Datasheet HTML 8Page - Rohm BU31TA2WNVX-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Technical Note
3/27
BU
TA2WNVX Series, BUTA2WHFV Series
www.rohm.com
2009.05 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●Electrical characteristics(Ta=25
C, VIN=VOUT+1.0 V (VIN=3.5 V on VOUT=1.8-V and1.5-V products), STBY=1.5 V, CIN=1.0 F, CO=1.0 F,
unless otherwise specified)
* This product does not have radiation-proof design.
Parameter
Symbol
Min.
Typ.
Max.
Unit Conditions
Output voltage
VOUT
VOUT×0.99
VOUT
VOUT×1.01
V
IOUT=10
μA,VOUT≥2.5 V
VOUT-25 mV
VOUT+25 mV
IOUT=10
μA,VOUT<2.5 V
Circuit current
IIN
-
40
95
μA IOUT=0mA
Circuit current (at STBY)
ISTBY
-
-
1
μASTBY=0 V
Ripple rejection
RR
55
70
-
dB
VRR=-20 dBv, fRR=1 kHz,
IOUT=10 mA
1.5 V
≤VOUT≤1.8 V
65
VRR=-20 dBv,fRR=1 kHz,
IOUT=10 mA
2.5 V
≤VOUT
Input/Output voltage difference
VSAT
-
400
800
mV
2.5 V
≤VOUT≤2.6 V
(VIN=0.98*VOUT, IOUT=200 mA)
-
360
720
mV
2.7 V
≤VOUT≤2.85 V
(VIN=0.98*VOUT, IOUT=200 mA)
-
330
660
mV
2.9 V
≤VOUT≤3.1 V
(VIN=0.98*VOUT,IOUT=200 mA)
-
300
600
mV
3.2 V
≤VOUT≤3.4 V
(VIN=0.98*VOUT, IOUT=200 mA)
Line regulation
VDL
-
2
20
mV
VIN=VOUT+1.0 V to 5.5 V,
IOUT=10
μA
Load regulation
VDLO
-
10
80
mV
IOUT=0.01 mA to 100 mA
Overcurrent protection
detection current
ILMAX
250
400
700
mA
Vo=VOUT*0.8
Output short-circuit current
ISHORT
20
70
150
mA
Vo=0 V
Output discharge resistance
RDSC
20
40
80
VIN=4.0 V, STBY=0 V
Standby pull-down resistance
RSTB
500
1000
2000
k
Standby control
ON
VSTBH
1.5
-
5.5
V
OFF
VSTBL
-0.3
-
0.3
V


Similar Part No. - BU31TA2WNVX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU31TA2WNVX ROHM-BU31TA2WNVX Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
More results

Similar Description - BU31TA2WNVX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU665XNUX ROHM-BU665XNUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com