Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1152A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1152A
Description  SAW Filter 782 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1152A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1152A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1152A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1152A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1152A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1152A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1152A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1152A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
D.OUTLINE DRAWING:
E. PCB Footprint:
2009
2011
2013
2015
2010
2012
2014
2016


Similar Part No. - TA1152A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA11526BD1 TRANSKO-TA11526BD1 Datasheet
647Kb / 4P
   115.00 MHz IF SAW Filter / 26.25 MHz Bandwidth
Revision 0: 07. May 2009
TA11529AD1 TRANSKO-TA11529AD1 Datasheet
569Kb / 4P
   115.00 MHz IF SAW Filter / 29.72 MHz Bandwidth
Revision 0: 04. Nov. 2009
More results

Similar Description - TA1152A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2315E MURATA-SF2315E Datasheet
308Kb / 4P
   782 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2441B TAI-SAW-TA2441B Datasheet
496Kb / 9P
   SAW Filter 782 MHz
TA1605A TAI-SAW-TA1605A Datasheet
191Kb / 6P
   SAW Filter 782 MHz
TA1813B TAI-SAW-TA1813B Datasheet
535Kb / 9P
   SAW Filter 782 MHz
logo
TriQuint Semiconductor
856844 TRIQUINT-856844_15 Datasheet
520Kb / 5P
   782 MHz SAW Filter
857061 TRIQUINT-857061 Datasheet
624Kb / 6P
   782 MHz Notch Filter
857061 TRIQUINT-857061_15 Datasheet
624Kb / 6P
   782 MHz Notch Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2641A TAI-SAW-TA2641A Datasheet
456Kb / 8P
   SAW Filter 782 MHz BW 10 MHz SMD 1.4 x 1.1mm
logo
TriQuint Semiconductor
856879 TRIQUINT-856879 Datasheet
736Kb / 9P
   782/751 MHz Duplexer
856879 TRIQUINT-856879_15 Datasheet
118Kb / 1P
   782/751 MHz Duplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com