Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX4108CZ1TR Datasheet(PDF) 2 Page - Microsemi Corporation

Part # NX4108CZ1TR
Description  1A SYNCHRONOUS BUCK SWITCHER WITH FET ON BOARD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX4108CZ1TR Datasheet(HTML) 2 Page - Microsemi Corporation

  NX4108CZ1TR Datasheet HTML 1Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 2Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 3Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 4Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 5Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 6Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 7Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 8Page - Microsemi Corporation NX4108CZ1TR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Microsemi
Analog Mixed Signal Group
NX4108
2
Rev. 1.7
12/30/09
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
ABSOLUTE MAXIMUM RATINGS
VIN to GND
..................................................................... -0.3V to 6V
SW,FB,EN to GND
........................................................... -0.3V to VIN + 0.3V
ESD Susceptibility ............................................................. 1kV
Lead Temperature(Soldering,10sec.) .................................... 300oC
Storage Temperature Range ................................................ -55oC to 150oC
Operating Junction Temperature Range ................................ -40oC to 150oC
CAUTION: Stresses above those listed in "ABSOLUTE MAXIMUM RATINGS", may cause permanent damage to
the device. This is a stress only rating and operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
PACKAGE INFORMATION
5-LEAD PLASTIC SOT23
ELECTRICAL SPECIFICATIONS
V
IN=3.5V. Typical data refers to TA= 25
oC. Unless otherwise specified.
3
2
1
4
5
SW
EN
GND
FB
VIN
o
JA
CW
θ ≈ 110/
PARAMETER
SYM
Test Condition
Min
TYP
MAX
Units
Reference Voltage
Ref Voltage
VFB
0.59
0.6
0.607
V
Line Regualtion
Line Regulation
VIN=3V to 5V,VOUT=1.8V,
IOUT=10mA
2
mV
VIN UVLO
VIN Rising Threshold
2.3
2.5
2.8
V
VIN Falling Threshold
2.3
V
Supp ly Voltage(VIN)
VIN Input Voltage Range
V
IN
2.8
5.5
V
Shutdown Current
Ishutdown
EN=GND
1
2.5
uA
Quiescent Current
I
q
No Load, switching
4
mA
Oscillator (Rt)
Frequency
FS
800
1000
1200
kHz
Max Duty Cycle
78
90
%
Min ON time
100
nS
Error Amplifiers
Feedback Input Bias Current
0.05
uA
SS
Soft Start time
Tss
500
uS


Similar Part No. - NX4108CZ1TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX4110 MICROSEMI-NX4110 Datasheet
825Kb / 14P
   1A SYNCHRONOUS BUCK SWITCHER WITH FET ON BOARD
NX4110CZ1TR MICROSEMI-NX4110CZ1TR Datasheet
825Kb / 14P
   1A SYNCHRONOUS BUCK SWITCHER WITH FET ON BOARD
More results

Similar Description - NX4108CZ1TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX13097 MICROSEMI-LX13097 Datasheet
816Kb / 12P
   1A SYNCHRONOUS BUCK SWITCHER WITH FET ON BOARD
NX4110 MICROSEMI-NX4110 Datasheet
825Kb / 14P
   1A SYNCHRONOUS BUCK SWITCHER WITH FET ON BOARD
logo
Texas Instruments
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
logo
Enpirion, Inc.
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
logo
Rohm
BD8963EFJ ROHM-BD8963EFJ_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD8966FVM ROHM-BD8966FVM_15 Datasheet
736Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9130NV ROHM-BD9130NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9132MUV ROHM-BD9132MUV_14 Datasheet
1Mb / 26P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com