Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX9415 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # NX9415
Description  5A SYNCHRONOUS BUCK SWITCHING REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX9415 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button NX9415 Datasheet HTML 2Page - Microsemi Corporation NX9415 Datasheet HTML 3Page - Microsemi Corporation NX9415 Datasheet HTML 4Page - Microsemi Corporation NX9415 Datasheet HTML 5Page - Microsemi Corporation NX9415 Datasheet HTML 6Page - Microsemi Corporation NX9415 Datasheet HTML 7Page - Microsemi Corporation NX9415 Datasheet HTML 8Page - Microsemi Corporation NX9415 Datasheet HTML 9Page - Microsemi Corporation NX9415 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NX9415
6
Rev.1.2
12/28/09
Figure 3- Demo board schematic
2*(10uF/16V/X5R)
0.56uH
0.1uF
3.01k
15k
15.8k
10p
BST
FB
COMP
S1
RT
+5V,5A
Vout1
22uF/6.3V/X5R
220p
768
S2
D1
4.7uF
D2
SW
330p
Vin
+12V
4.22k
5VREG
VIN
0.1uF
1uF
VCC
10
OCP
5k
GND
C1
C2
C3
C4
CIN
COUT
C5
C6
L1
R1
R2
R3
R4
R5
R6
R7
U1
TYPICAL APPLICATION
Input Voltage=12V
Output Voltage=5V@5A
Working Frequency=2.2MHz


Similar Part No. - NX9415

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX9511B MICROSEMI-NX9511B Datasheet
519Kb / 16P
   9A SYNCHRONOUS BUCK SWITCHING REGULATORWITH 1MHz OPERATION FREQUENCY
NX9511BCMTR MICROSEMI-NX9511BCMTR Datasheet
519Kb / 16P
   9A SYNCHRONOUS BUCK SWITCHING REGULATORWITH 1MHz OPERATION FREQUENCY
NX9548 MICROSEMI-NX9548 Datasheet
770Kb / 18P
   9A SINGLE CHANNEL MOBILE PWM SWITCHING REGULATOR
NX9548CMTR MICROSEMI-NX9548CMTR Datasheet
770Kb / 18P
   9A SINGLE CHANNEL MOBILE PWM SWITCHING REGULATOR
More results

Similar Description - NX9415

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78235ARZ INTERSIL-ISL78235ARZ Datasheet
1Mb / 20P
   5A Automotive Synchronous Buck Regulator
July 1, 2015
logo
Alpha & Omega Semicondu...
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78235R5668 RENESAS-ISL78235R5668 Datasheet
2Mb / 21P
   Automotive 5A Synchronous Buck Regulator
ISL78235 RENESAS-ISL78235 Datasheet
2Mb / 23P
   5A Automotive Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6605PI-1 AOSMD-AOZ6605PI-1 Datasheet
1Mb / 16P
   EZBuckTM 5A Synchronous Buck Regulator
Rev. 1.1 December 2017
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ6605 AOSMD-AOZ6605 Datasheet
650Kb / 16P
   EZBuckTM 5A Synchronous Buck Regulator
AOZ1037PI AOSMD-AOZ1037PI Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1036 AOSMD-AOZ1036 Datasheet
677Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com