Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX9415CMTR Datasheet(PDF) 5 Page - Microsemi Corporation

Part # NX9415CMTR
Description  5A SYNCHRONOUS BUCK SWITCHING REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX9415CMTR Datasheet(HTML) 5 Page - Microsemi Corporation

  NX9415CMTR Datasheet HTML 1Page - Microsemi Corporation NX9415CMTR Datasheet HTML 2Page - Microsemi Corporation NX9415CMTR Datasheet HTML 3Page - Microsemi Corporation NX9415CMTR Datasheet HTML 4Page - Microsemi Corporation NX9415CMTR Datasheet HTML 5Page - Microsemi Corporation NX9415CMTR Datasheet HTML 6Page - Microsemi Corporation NX9415CMTR Datasheet HTML 7Page - Microsemi Corporation NX9415CMTR Datasheet HTML 8Page - Microsemi Corporation NX9415CMTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NX9415
5
Rev.1.2
12/28/09
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the NX9415
Bias
Generator
1.25V
0.8V
BST
FB
OSC
R
S
Q
Digital
start Up
UVLO
POR
GND
Control
Logic
ramp
0.3V
COMP
OC
START
START
Hiccup Logic
1.3V
CLAMP
0.6V
CLAMP
START
PWM
0.8V
COMP
5VREG
START
FB
70%*Vp
SS_done
VIN
5V
Regulator
PVCC
Thermal
Shutdown
D1
S2
S1
D2
SW
RT
VCC
VCC
OCP


Similar Part No. - NX9415CMTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX9511B MICROSEMI-NX9511B Datasheet
519Kb / 16P
   9A SYNCHRONOUS BUCK SWITCHING REGULATORWITH 1MHz OPERATION FREQUENCY
NX9511BCMTR MICROSEMI-NX9511BCMTR Datasheet
519Kb / 16P
   9A SYNCHRONOUS BUCK SWITCHING REGULATORWITH 1MHz OPERATION FREQUENCY
NX9548 MICROSEMI-NX9548 Datasheet
770Kb / 18P
   9A SINGLE CHANNEL MOBILE PWM SWITCHING REGULATOR
NX9548CMTR MICROSEMI-NX9548CMTR Datasheet
770Kb / 18P
   9A SINGLE CHANNEL MOBILE PWM SWITCHING REGULATOR
More results

Similar Description - NX9415CMTR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78235ARZ INTERSIL-ISL78235ARZ Datasheet
1Mb / 20P
   5A Automotive Synchronous Buck Regulator
July 1, 2015
logo
Alpha & Omega Semicondu...
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78235R5668 RENESAS-ISL78235R5668 Datasheet
2Mb / 21P
   Automotive 5A Synchronous Buck Regulator
ISL78235 RENESAS-ISL78235 Datasheet
2Mb / 23P
   5A Automotive Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6605PI-1 AOSMD-AOZ6605PI-1 Datasheet
1Mb / 16P
   EZBuckTM 5A Synchronous Buck Regulator
Rev. 1.1 December 2017
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ6605 AOSMD-AOZ6605 Datasheet
650Kb / 16P
   EZBuckTM 5A Synchronous Buck Regulator
AOZ1037PI AOSMD-AOZ1037PI Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1036 AOSMD-AOZ1036 Datasheet
677Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com