Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX9511B Datasheet(PDF) 2 Page - Microsemi Corporation

Part # NX9511B
Description  9A SYNCHRONOUS BUCK SWITCHING REGULATORWITH 1MHz OPERATION FREQUENCY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX9511B Datasheet(HTML) 2 Page - Microsemi Corporation

  NX9511B Datasheet HTML 1Page - Microsemi Corporation NX9511B Datasheet HTML 2Page - Microsemi Corporation NX9511B Datasheet HTML 3Page - Microsemi Corporation NX9511B Datasheet HTML 4Page - Microsemi Corporation NX9511B Datasheet HTML 5Page - Microsemi Corporation NX9511B Datasheet HTML 6Page - Microsemi Corporation NX9511B Datasheet HTML 7Page - Microsemi Corporation NX9511B Datasheet HTML 8Page - Microsemi Corporation NX9511B Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NX9511B
2
Rev.1.5
01/16/08
ABSOLUTE MAXIMUM RATINGS
VCC to GND & BST to SW voltage .................... -0.3V to 6.5V
D1 to GND ........................................................ 25V
BST to GND Voltage ........................................ -0.3V to 35V
D2,S1 to GND .................................................. -2V to 35V
All other pins .................................................... -0.3V to VCC+0.3V or 6.5V
Storage Temperature Range ............................... -65oC to 150oC
Operating Junction Temperature Range ............... -40oC to 125oC
ESD Susceptibility ........................................... 2kV
Power Dissipation ............................................. TBD
Output Current ...................................................TBD
CAUTION: Stresses above those listed in "ABSOLUTE MAXIMUM RATINGS", may cause permanent damage to
the device. This is a stress only rating and operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
PACKAGE INFORMATION
32-LEAD PLASTIC MCM 5 x 5
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
18
19
20
21
22
23
24
17
25
26
27
28
29
30
31
32
D1
D2
S1
S1
S1
D2
D2
D2
AGND
EN
OCP
COMP
FB
D2
VCC
NC
D1
(PAD2)
AGND
(PAD1)
D2
(PAD3)


Similar Part No. - NX9511B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX9548 MICROSEMI-NX9548 Datasheet
770Kb / 18P
   9A SINGLE CHANNEL MOBILE PWM SWITCHING REGULATOR
NX9548CMTR MICROSEMI-NX9548CMTR Datasheet
770Kb / 18P
   9A SINGLE CHANNEL MOBILE PWM SWITCHING REGULATOR
More results

Similar Description - NX9511B

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3311S POWER-LP3311S Datasheet
963Kb / 7P
   1MHz Fixed-Frequency PWM Operation
logo
Maxim Integrated Produc...
MAX15058EVKIT MAXIM-MAX15058EVKIT Datasheet
988Kb / 7P
   1MHz Switching Frequency
Rev 0; 12/10
logo
Richtek Technology Corp...
RT5758 RICHTEK-RT5758 Datasheet
713Kb / 26P
   9A, 6.5V, 1MHz Synchronous Step-Down Converter
April 2018
logo
Maxim Integrated Produc...
MAX8753EVKIT MAXIM-MAX8753EVKIT Datasheet
163Kb / 6P
   1MHz Switching Frequency
Rev 0; 3/06
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
logo
List of Unclassifed Man...
AT1366 ETC-AT1366 Datasheet
903Kb / 13P
   1MHZ 800MA SYNCHRONOUS BUCK CONTROLLER
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
Unisonic Technologies
UC3656_1111 UTC-UC3656_1111 Datasheet
266Kb / 7P
   1MHz, 800mA SYNCHRONOUS BUCK CONTROLLER
UC3656 UTC-UC3656 Datasheet
178Kb / 7P
   1MHz,800mA SYNCHRONOUS BUCK CONTROLLER
logo
Enpirion, Inc.
EN2390QI ENPIRION-EN2390QI Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com