Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1692IPW Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX1692IPW
Description  TM Full Bridge Resonant CCFL Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1692IPW Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX1692IPW Datasheet HTML 7Page - Microsemi Corporation LX1692IPW Datasheet HTML 8Page - Microsemi Corporation LX1692IPW Datasheet HTML 9Page - Microsemi Corporation LX1692IPW Datasheet HTML 10Page - Microsemi Corporation LX1692IPW Datasheet HTML 11Page - Microsemi Corporation LX1692IPW Datasheet HTML 12Page - Microsemi Corporation LX1692IPW Datasheet HTML 13Page - Microsemi Corporation LX1692IPW Datasheet HTML 14Page - Microsemi Corporation LX1692IPW Datasheet HTML 15Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LX1692
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2004
Rev. 1.2, 12/20/2006
Full Bridge Resonant CCFL Controller
TM
®
FUNCTIO N AL DESCRIPTION
OPERATING MODES
Two operating modes, Strike and Run, are employed by
the LX1692. Upon power up or ENABLE going true, strike
mode is entered.
After a successful strike, e.g., lamp is
ignited, run mode is entered. If ignition is unsuccessful, or
if the lamp extinguishes while running, a fault is declared
and the controller automatically shuts down.
OSCILLATOR CHARACTERISTICS
The main oscillator in the LX1692 has two frequency
control loops; a resonant tracking loop and a fixed
frequency loop. The fixed frequency loop is user set via the
I_R resistor and the C_R capacitor value.
The resonant
tracking loop follows the natural resonant frequency of the
load.
STRIKING THE LAMP
Lamp ignition is determined by monitoring the lamp
current feedback voltage at the ISNS pin. If less than 1.0V
during the strike period, the lamp is considered not ignited
and Strike mode continues until ignition is detected or
strike time out (approximately 1 - 2 seconds) is reached. If
greater than 1.0V, strike is declared and a latch is set. The
IC is now in “run” mode. And threshold voltage for strike
detect is reduced to 0.3V to permit a minimum 3:1 analog
dimming ratio to be achieved.
During strike, lamp operating frequency is always
controlled by the resonant frequency tracking loop. At
power up the lamp is not ignited and the loads’ natural
resonant frequency will be typically1.3 to 1.5 times higher
than after the lamp has ignited.
The tracking oscillator frequency will slew to near the
natural resonant frequency of the load.
At open circuit
resonance load Q is high and produces a large rise of
voltage across the lamp, eliminating the need to use a high
transformer turns ratio.
Additionally, since frequency is high, the volt-seconds
applied to the transformer primary is minimized.
This
permits the use of smaller transformers that have reduced
core cross sectional area. During striking operation, ICOMP
is limited to 2.5V until ignition latch is set.
When it starts the striking operation, it starts the striking
frequency as user programmed operating frequency.
And when OVSNS is detected zero cross point , then
tracking oscillator will start to sweep the frequency up to
near to the circuit resonant frequency and it will track the
frequency to reach user programmed open lamp voltage.
At the moment of lamp ignition, operating frequency
immediately switches to the programmed value of the fixed
frequency oscillator. Lamp current flow is sensed by the
strike detection comparator, which decides to return PWM
timing control to the fixed frequency oscillator
FAULT PROTECTION
The LX1692 has shut down protection for all common
lamp fault conditions. These include the following:
a.
Open or broken lamp
b.
High Voltage Arcing on transformer secondary side
c.
Short across lamp terminals
d.
Short from high side of lamp to ground
e.
Short from low side of lamp to ground ( current
sense resistor shorted)
Three inputs from the lamp are monitored to detect these
conditions,
ISNS,
OV_SNS,
and
OC_SNS.
Fault
protection is designed to prevent fire or smoke from being
generated by terminating inverter operation in the event of
failures in the high voltage components and the power
FET’s. All fault shut down events can only be reset by
ENABLE or VDDP cycling.
OPEN LAMP
When the IC is first powered on or enabled, the inverter
output voltage must be made higher than the normal
operating voltage of the lamp to cause ignition.
The
LX1692 generates this higher “strike” voltage by operating
at the open circuit resonant frequency of the load
inductance and capacitance. Because of its high unloaded
Q, a large resonant rise of voltage occurs across the lamp,
and produces ignition. Both resonant frequency and Q of
the lamp circuit are higher when the lamp is off than when
on. The lamp may not ignite immediately when specified
strike voltage is applied. It is customary to apply strike
voltage for from 0.3 to 3 seconds to insure ignition of cold,
dark, or aged lamps. The LX1692 has a programmable
time out for this purpose. During strike time out, open
lamp voltage is regulated to a value programmed by a
voltage divider across the lamp and sensed at the OV_SNS
pin.


Similar Part No. - LX1692IPW

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
LX1692IPW MITSUMI-LX1692IPW Datasheet
271Kb / 15P
   Full Bridge Resonant CCFL Controller
More results

Similar Description - LX1692IPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1692F MICROSEMI-LX1692F Datasheet
196Kb / 2P
   TM Full Bridge Resonant CCFL Controller
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
   Full Bridge Resonant CCFL Controller
logo
Mitsumi Electronics, Co...
LX1692 MITSUMI-LX1692 Datasheet
271Kb / 15P
   Full Bridge Resonant CCFL Controller
logo
Microsemi Corporation
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1692B MICROSEMI-LX1692B Datasheet
305Kb / 13P
   Full Bridge Resonant CCFL Controller
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
   Full Bridge CCFL Controller
logo
Maxim Integrated Produc...
MAX8751 MAXIM-MAX8751 Datasheet
732Kb / 27P
   Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Rev 0; 8/05
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
logo
Microsemi Corporation
LX6503 MICROSEMI-LX6503 Datasheet
124Kb / 2P
   TM HIGH PERFORMANCE CCFL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com