Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69008 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PD69008
Description  8 Ports Power Over Ethernet Manager
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69008 Datasheet(HTML) 1 Page - Microsemi Corporation

  PD69008 Datasheet HTML 1Page - Microsemi Corporation PD69008 Datasheet HTML 2Page - Microsemi Corporation PD69008 Datasheet HTML 3Page - Microsemi Corporation PD69008 Datasheet HTML 4Page - Microsemi Corporation PD69008 Datasheet HTML 5Page - Microsemi Corporation PD69008 Datasheet HTML 6Page - Microsemi Corporation PD69008 Datasheet HTML 7Page - Microsemi Corporation PD69008 Datasheet HTML 8Page - Microsemi Corporation PD69008 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PD69008 - 8 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
Page 1
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
Copyright
© 2009
Rev. 1.0, 2009-03-15
Description _________________
Microsemi’s PD69008 Power over Ethernet (PoE)
Manager chip integrates power, analog and state of
the art embedded core logic into a single 80-pin,
plastic QFP package. The device is used in Ethernet
switches and Midspans to enable network devices to
share power and data over the same cable.
PD69008 device is an 8-port, mixed-signal, high-
voltage Power over Ethernet driver. It enables
detection of IEEE802.3af-2003 compliant PDs
(Powered Devices) and IEEE802.3AT High Power
Devices, thus, ensuring safe power feeding and
disconnection of ports. With full digital control via a
serial communication interface and a minimum of
external components, the device integrates into multi-
port and highly populated Ethernet switches and
routers.
The PD69008 executes all real time functions as
specified in the IEEE802.3af-2003 (“AF”) standard
and IEEE802.3at High Power (“AT”) functionality,
including load detection, “AF” and “AT” classification
and port status monitoring. In addition it performs
system level activities such as power management
and MIB support for system management. The PoE
device is designed to detect and disable
disconnected ports, utilizing both DC and AC
disconnection methods, as specified in the
IEEE 802.3af-2003 standard.
The PD69008 is designed to support 2 main
configurations:
• Auto mode: For Basic ”AF” and “AT” PSE
equipment
• Enhanced mode: For High End, Extended
features set of AF and AT PSE equipment
Pin Configuration _____________
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PD69008
Date Code
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
Vmain
Ref_port_neg
CP_OUT
CP_IN
Vport_pos0
Vport_pos1
Vport_pos2
Vport_pos3
Vport_pos4
Vport_pos5
Vport_pos6
Vport_pos7
NC
NC
NC
NC
DGND2
I2CINI
Vcc2p5
QGND
Ext_reg
ASIC_INI
ADC2p5
Iref
Reset_n
SCL
SCK
MOSI
MISO
SDA
CS_n
Vperi
Disable_ports_n
CS_EEPROM_n/ LSL /
Interrupt_n
SDA_out / Test_mode
Good0/GPIO0
Good1/GPIO1
rGood2/GPIO4
LSD/ GPIO2
LSC/ GPIO3
Supported Features __________
PD69008 Auto Mode features:
♦ Fully IEEE802.3af-2003 compliant
♦ Designed to support IEEE802.3at including two-
event classification
♦ Supports pre-standard PD detection
♦ Supports Cisco devices detection
♦ IETF Power Ethernet MIB (RFC 3621) compliant
♦ Single DC voltage input (44v-57v)
♦ Wide temperature range: -40° C to +85° C
♦ Low thermal dissipation (0.5Ω sense resistor)
♦ Drives 8 independent two-pairs power ports or
64-pairs ports
♦ Can cascade up to 8 PoE devices (64 ports)
♦ EEPROM interface for software patching and
parameter configuration
♦ I2C Host interface
♦ Supports Interrupt out pin
♦ Dynamic power management
♦ Emergency power management supporting three
configurable Power Bank I/Os
♦ Direct register communication
♦ Direct LED drive supporting one or two colors
♦ Continuous monitoring per port and system data
♦ Parameter setting per port and per system
♦ Power soft start algorithm
♦ Thermal monitoring/protection
♦ Voltage monitoring/protection
♦ H/W disable ports input
♦ Built in 3.3 V regulator
♦ Internal power on reset
♦ Enhanced SPI bus for internal communication
♦ External EEPROM for system parameters update
♦ SW ROM patch option
♦ RoHS compliant
Enhanced Modes Additional Features:
♦ I2C or UART Host interface
♦ Serial communication protocol backwards
compatible with PD63000 and PDIC66000
♦ Added monitoring
♦ Extended parameters setting
♦ Port matrix for flexible PCB Layout
♦ Field upgradeable software
♦ Emergency Power Management with four power
supplies
Ordering Information __________
Part number
Temperature
range
Package
PD69008
-40 to 85°C
LQFP 80 pin
This datasheet refers to ICs with date code "XAA0843" or later.
Date code: See the bottom line (XAA0843) in the Pin Configuration drawing. Where
“0843" is the date code, “08”IS the year (2008), and “43” is the week.


Similar Part No. - PD69008

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD69012 MICROSEMI-PD69012 Datasheet
431Kb / 18P
   12 Ports Power Over Ethernet Manager
More results

Similar Description - PD69008

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD69012 MICROSEMI-PD69012 Datasheet
431Kb / 18P
   12 Ports Power Over Ethernet Manager
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
   8 PORTS PSE POE MANAGER
PD64004AH MICROSEMI-PD64004AH_1 Datasheet
759Kb / 19P
   4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems
logo
PHOENIX CONTACT
2832331 PHOENIX-2832331 Datasheet
131Kb / 5P
   Expansion, 8 Ethernet ports
logo
Phihong USA Inc.
POE125U-8 PHIHONG-POE125U-8_14 Datasheet
86Kb / 2P
   8 Port Gigabit Power over Ethernet Midspan
POE125U-8 PHIHONG-POE125U-8 Datasheet
456Kb / 2P
   8 Port Gigabit Power Over Ethernet Midspan
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
   PoE(Power over Ethernet)
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
   Power Over Ethernet (PoE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com