Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2639CDT Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM2639CDT
Description  12-Bit Parallel Input Voltage Output DAC with Internal Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2639CDT Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM2639CDT Datasheet HTML 1Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 2Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 3Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 4Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 5Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 6Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 7Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 8Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Production Data
WM2639
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 July 1999
5
Test Conditions:
RL = 10k
Ω, C
L = 100pF. VDD = 5V
±± 10%, V
REF = 2.048V and VDD = 3V
±± 10%, V
REF = 1.024V over recommended operating free-air
temperature range (unless noted otherwise)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Signal to noise ratio
SNR
fs = 480ksps, fOUT = 1kHz,
BW = 20kHz, TA=25
°C
See Note 12
73
78
dB
Signal to noise and distortion ratio
SNRD
fs = 480ksps, fOUT = 1kHz, BW
= 20kHz, TA=25
°C
See Note 12
61
67
dB
Total harmonic distortion
THD
fs = 480ksps, fOUT = 1kHz, BW
= 20kHz, TA=25
°C
See Note 12
-69
-62
dB
Spurious free dynamic range
SPFDR
fs = 480ksps, fOUT = 1kHz, BW
= 20kHz, TA = 25
°C
See Note 12
63
74
dB
Reference configured as input
Reference input resistance
RREFIN
10
M
Reference input capacitance
CREFIN
55
pF
Reference feedthrough
VREF = 1VPP at 1kHz
+ 1.024Vdc, DAC code 0
-60
dB
Reference input bandwidth
VREF= 0.2VPP + 1.024V d.c.
DAC code 2048
Slow
Fast
500
900
kHz
kHz
Reference configured as output
Low reference voltage
VREFOUTL
1.003
1.024
1.045
V
High reference voltage
VREFOUTH
VDD > 4.75V
2.027
2.048
2.069
V
Output source current
IREFSRC
1
mA
Output sink current
IREFSNK
-1
mA
Load Capacitance
100
pF
PSRR
-48
dB
Digital Inputs
High level input current
IIH
Input voltage = VDD
1
µA
Low level input current
IIL
Input voltage = 0V
-1
µA
Input capacitance
CI
8
pF
Notes:
1.
Integral non-linearity (INL) is the maximum deviation of the output from the line between zero and full scale (excluding the effects
of zero code and full scale errors).
2.
Differential non-linearity (DNL) is the difference between the measured and ideal 1LSB amplitude change of any adjacent two
codes. A guarantee of monotonicity means the output voltage changes in the same direction (or remains constant) as a change in
digital input code.
3.
Zero code error is the voltage output when the DAC input code is zero.
4.
Gain error is the deviation from the ideal full scale output excluding the effects of zero code error.
5.
Power supply rejection ratio is measured by varying VDD from 4.5V to 5.5V and measuring the proportion of this signal imposed on
the zero code error and the gain error.
6.
Zero code error and Gain error temperature coefficients are normalised to full scale voltage.
7.
Output load regulation is the difference between the output voltage at full scale with a 10k
Ω load and 2kΩ load. It is expressed as
a percentage of the full scale output voltage with a 10k
Ω load.
8.
IDD is measured while continuously writing code 2048 to the DAC. For VIH < VDD - 0.7V and VIL > 0.7V supply current will increase.
9.
Typical supply current in power down mode is 10nA. Production test limits are wider for speed of test.
10. Slew rate results are for the lower value of the rising and falling edge slew rates.
11. Settling time is the time taken for the signal to settle to within 0.5LSB of the final measured value for both rising and falling edges.
Limits are ensured by design and characterisation, but are not production tested.


Similar Part No. - WM2639CDT

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630CDT WOLFSON-WM2630CDT Datasheet
126Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2630IDT WOLFSON-WM2630IDT Datasheet
126Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
   Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631CDT WOLFSON-WM2631CDT Datasheet
131Kb / 13P
   Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
More results

Similar Description - WM2639CDT

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2633 WOLFSON-WM2633 Datasheet
389Kb / 12P
   Byte-wide Parallel Input, 12-bit Voltage Output DAC with Internal Reference
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
   12-bit Serial Input Voltage Output DAC with Internal Reference
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
   Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
   12-bit Parallel Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5650 MAXIM-MAX5650 Datasheet
283Kb / 14P
   16-Bit, Parallel-Input Voltage-Output DACs with Internal Reference
Rev 0; 2/06
logo
Texas Instruments
DAC61402 TI-DAC61402 Datasheet
4Mb / 52P
[Old version datasheet]   DAC61402 Dual, 12-Bit, High-Voltage-Output DAC With Internal Reference
logo
Wolfson Microelectronic...
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
   Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
   Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com