Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC124EUB Datasheet(PDF) 2 Page - Rohm

Part # DTC124EUB
Description  100mA / 50V Digital transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC124EUB Datasheet(HTML) 2 Page - Rohm

  DTC124EUB Datasheet HTML 1Page - Rohm DTC124EUB Datasheet HTML 2Page - Rohm DTC124EUB Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Transistors
DTC124EUB
2/2
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
3.0
15.4
56
0.8
−−
−−
100
22
1.0
250
0.5
300
360
500
28.6
1.2
V
VCC
=5V, IO=100µA
VO
=0.2V, IO=5mA
IO
=10mA, II=0.5mA
VI
=5V
VCC
=50V, VI=0V
VO
=5V, IO=5mA
VCE
=10V, IE=−5mA, f=100MHz
mV
µ
A
nA
k
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Characteristics of built-in transistor
Electrical characteristic curves
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
VO
=0.2V
Ta
=−40°C
25
°C
100
°C
Fig.1 Input voltage vs. output current
(ON characteristics)
INPUT VOLTAGE : VI(off)
(V)
0
3.0
10m
1
µ
2m
5m
1m
200
µ
500
µ
100
µ
20
µ
50
µ
10
µ
2
µ
5
µ
0.5
1.0
1.5
2.0
2.5
VCC
=5V
Ta
=100°C
25
°C
−40°C
Fig.2 Output current vs. input voltage
(OFF characteristics)
OUTPUT CURRENT : IO
(A)
VO
=5V
1k
500
200
100
50
20
10
5
2
1
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
Ta
=100°C
25
°C
−40°C
Fig.3 DC current gain vs. output
current
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI
=20
Ta
=100°C
25
°C
−40°C
Fig.4 Output voltage vs. output
current


Similar Part No. - DTC124EUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC124EUB ROHM-DTC124EUB Datasheet
571Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors
DTC124EUB ROHM-DTC124EUB Datasheet
571Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC124EUB ROHM-DTC124EUB Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC124EUB ROHM-DTC124EUB Datasheet
571Kb / 11P
   NPN 100mA 50V Digital Transistors
DTC124EUB ROHM-DTC124EUB Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC124EUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114YEB ROHM-DTA114YEB Datasheet
65Kb / 3P
   -100mA / -50V Digital transistors
DTA124EEB ROHM-DTA124EEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143XEB ROHM-DTA143XEB Datasheet
158Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZEB ROHM-DTA143ZEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZUB ROHM-DTA143ZUB Datasheet
101Kb / 3P
   -100mA / -50V Digital transistors
DTC144EUB ROHM-DTC144EUB Datasheet
84Kb / 3P
   100mA / 50V Digital transistors
DTC143ZUB ROHM-DTC143ZUB Datasheet
85Kb / 3P
   100mA / 50V Digital transistors
DTA143XUB ROHM-DTA143XUB Datasheet
160Kb / 3P
   -100mA / -50V Digital transistors
DTC124EEB ROHM-DTC124EEB Datasheet
158Kb / 3P
   100mA / 50V Digital transistors
DTA143XE ROHM-DTA143XE_09 Datasheet
147Kb / 3P
   -100mA /-50V Digital transistors
DTA114EUB ROHM-DTA114EUB Datasheet
158Kb / 3P
   -100mA / -50V Digital transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com