Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0182A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0182A
Description  IF SAW Filter 43.75 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0182A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0182A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0182A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0182A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0182A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0182A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0182A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
IF SAW Filter 43.75 MHz
MODEL NO.: TB0182A
REV. NO.:4
A. FEATURES:
1.IF Filter for Digital Cable TV
B. MAXIMUM RATING:
1.DC voltage: 12 V.
2.AC voltage: 10 V.
3.Storage Temperature: -40°C to +85 °C.
4.Operating Temperature: -25 °C to +65 °C
Terminating source impedance ZS=50Ω
Terminating load impedance
ZL=2kΩ//3 pF
C. ELECTRICAL CHARACTERISTICS:
Attenuation ( ref. : 43.75 MHz):
MIN.
TYP.
MAX.
Center frequency fc
Center frequency between 3dB point
43.68
43.75
43.82
MHz
Insertion attenuation
Reference level for the
Following data 43.75 MHz
13.5
15.0
16.5
dB
3dB Pass Bandwidth
-
6.0
-
MHz
30dB Pass Bandwidth
-
7.6
-
MHz
41.22 MHz
-1.0
0.2
1.4
dB
46.28 MHz
-1.0
0.2
1.4
dB
40.75 MHz
1.2
2.7
4.2
dB
46.75 MHz
1.2
2.7
4.2
dB
39.75 MHz
38.0
53.0
-
dB
47.75 MHz
37.0
48.0
-
dB
Lower side lobe
35.00-39.00 MHz
39.00-39.75 MHz
42.0
37.0
48.0
46.0
-
-
dB
dB
Upper side lobe
47.75-50.00 MHz
50.00-55.00 MHz
36.0
42.0
41.0
48.0
-
-
dB
dB
Reflected Wave Signal Suppression
42.0
52.0
dB
Feed through Signal Suppression
50.0
56.0
dB
Group delay ripple
40.75-46.75 MHz
-
40
-
ns


Similar Part No. - TB0182A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0184A TAI-SAW-TB0184A Datasheet
437Kb / 4P
   High Attenuation 70MHz IF SAW Filter (BW=3.5MHz)
TB0184A TAI-SAW-TB0184A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TB0184A GOLLEDGE-TB0184A Datasheet
102Kb / 4P
   IF SAW Filter 70MHz High Attenuation
logo
TAI-SAW TECHNOLOGY CO.,...
TB0184B TAI-SAW-TB0184B Datasheet
185Kb / 6P
   SAW Filter 70MHz 3.5MHz BW (SMD 13.3횞6.5 mm)
TB0185A TAI-SAW-TB0185A Datasheet
413Kb / 7P
   IF SAW Filter 70MHz(BW=7MHz) SMD 13.3X6.5mm
More results

Similar Description - TB0182A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1021A TAI-SAW-TB1021A Datasheet
440Kb / 7P
   IF SAW Filter 43.75 MHz
logo
Oscilent Corporation
816-IF43.75M-A OSCILENT-816-IF43.75M-A_14 Datasheet
118Kb / 4P
   43.75 MHz IF SAW Filter 6.0 MHz Bandwidth
logo
Transko Electronics, In...
TA43AB1 TRANSKO-TA43AB1 Datasheet
404Kb / 3P
   43.75 MHz IF SAW Filter / 6.0 MHz Bandwidth
Revision 2: 10 Feb. 2009
TA04305AF TRANSKO-TA04305AF Datasheet
569Kb / 4P
   43.75 MHz IF SAW Filter / 5.33 MHz Bandwidth
Revision 0: 17 March 2008
TA04305BF TRANSKO-TA04305BF Datasheet
647Kb / 4P
   43.75 MHz IF SAW Filter / 5.48 MHz Bandwidth
Revision 0: 27 March 2008
logo
Oscilent Corporation
835-IF43.75M-05B OSCILENT-835-IF43.75M-05B Datasheet
168Kb / 6P
   43.75 MHz IF SAW Filter 5.48 MHz Bandwidth
835-IF43.75M-05A OSCILENT-835-IF43.75M-05A Datasheet
167Kb / 5P
   43.75 MHz IF SAW Filter 5.33 MHz Bandwidth
logo
API Technologies Corp
SF0043BA02523T APITECH-SF0043BA02523T Datasheet
228Kb / 3P
   43.75 MHz SAW Filter 6 MHz Bandwidth
logo
KR Electronics, Inc.
3114 KR-3114 Datasheet
53Kb / 3P
   43.75 MHz Bandpass Filter
3114-SMA KR-3114-SMA Datasheet
99Kb / 3P
   43.75 MHz Bandpass Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com