Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6296 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N6296
Description  Unidirectional & Bidirectional Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6296 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N6296 Datasheet HTML 1Page - Microsemi Corporation 1N6296 Datasheet HTML 2Page - Microsemi Corporation 1N6296 Datasheet HTML 3Page - Microsemi Corporation 1N6296 Datasheet HTML 4Page - Microsemi Corporation 1N6296 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Unidirectional & Bidirectional
Transient Voltage Suppressors
S C O T TS DALE DIVISION
1N6267 thru 1N6303A, e3
1.5KE6.8 thru 1.5KE400CA, e3
ELECTRICAL CHARACTERISTICS
Rated
Standoff
Voltage
VWM
(NOTE 1)
Breakdown
Voltage
V(BR)
@
I(BR)
Maximum
Clamping
Voltage
VC @ IPP
Maximum
Standby
Current
ID @ VWM
Maximum
Peak Pulse
Current
IPP
(Fig. 2)
Maximum
Temperature
Coefficient of
V(BR)
α
V(BR)
Industry
Type
Number
JEDEC
Type
Number
Volts
Volts
Min.
Max.
mA
Volts
μA
A
%/
oC
-
1N5908
5.0
6.0 – -
1
7.6
300
30
.057
1.5KE6.8
1.5KE6.8A
1.5KE7.5
1.5KE7.5A
1N6267
1N6267A
1N6268
1N6268A
5.50
5.80
6.05
6.40
6.12 – 7.48
6.45 – 7.14
6.75 – 8.25
7.13 – 7.88
10
10
10
10
10.8
10.5
11.7
11.3
1000
1000
500
500
139.0
143.0
128.0
132.0
.057
.057
.061
.061
1.5KE8.2
1.5KE8.2A
1.5KE9.1
1.5KE9.1A
1N6269
1N6269A
1N6270
1N6270A
6.63
7.02
7.37
7.78
7.38 – 9.02
7.79 – 8.61
8.19 – 10.00
8.65 – 9.55
10
10
1
1
12.5
12.1
13.8
13.4
200
200
50
50
120.0
124.0
109.0
112.0
.065
.065
.068
.068
1.5KE10
1.5KE10A
1.5KE11
1.5KE11A
1N6271
1N6271A
1N6272
1N6272A
8.10
8.55
8.92
9.40
9.00 – 11.00
9.50 – 10.50
9.90 – 12.10
10.50 – 11.60
1
1
1
1
15.0
14.5
16.2
15.6
10
10
5
5
100.0
103.0
93.0
96.0
.073
.073
.075
.075
1.5KE12
1.5KE12A
1.5KE13
1.5KE13A
1N6273
1N6273A
1N6274
1N6274A
9.72
10.220
10.50
11.10
10.80 – 13.20
11.40 – 12.60
11.70 – 14.30
12.40 – 13.70
1
1
1
1
17.3
16.7
19.0
18.2
5
5
5
5
87.0
90.0
79.0
82.0
.078
.078
.081
.081
1.5KE15
1.5KE15A
1.5KE16
1.5KE16A
1N6275
1N6275A
1N6276
1N6276A
12.10
12.80
12.90
13.60
13.50 – 16.50
14.30 – 15.80
14.40 – 17.60
15.20 – 16.80
1
1
1
1
22.0
21.2
23.5
22.5
1
1
1
1
68.0
71.0
64.0
67.0
.084
.084
.086
.086
1.5KE18
1.5KE18A
1.5KE20
1.5KE20A
1N6277
1N6277A
1N6278
1N6278A
14.50
15.30
16.20
17.10
16.20 – 19.80
17.10 – 18.90
18.00 – 22.00
19.00 – 21.00
1
1
1
1
26.5
25.2
29.1
27.7
1
1
1
1
56.5
59.5
51.5
54.0
.088
.088
.090
.090
1.5KE22
1.5KE22A
1.5KE24
1.5KE24A
1N6279
1N6279A
1N6280
1N6280A
17.80
18.80
19.40
20.50
19.80 – 24.20
20.90 – 23.10
21.60 – 26.40
22.80 – 25.20
1
1
1
1
31.9
30.6
34.7
33.2
1
1
1
1
47.0
49.0
43.0
45.0
.092
.092
.094
.094
1.5KE27
1.5KE27A
1.5KE30
1.5KE30A
1N6281
1N6281A
1N6282
1N6282A
21.80
23.10
24.30
25.60
24.30 – 29.70
25.70 – 28.40
27.00 – 33.00
28.50 – 31.50
1
1
1
1
39.1
37.5
43.5
41.4
1
1
1
1
38.5
40.0
34.5
36.0
.096
.096
.097
.097
1.5KE33
1.5KE33A
1.5KE36
1.5KE36A
1N6283
1N6283A
1N6284
1N6284A
26.80
28.20
29.10
30.80
29.70 – 36.30
31.40 – 34.70
32.40 – 39.60
34.20 – 37.80
1
1
1
1
47.7
45.7
52.0
49.9
1
1
1
1
31.5
33.0
29.0
30.0
.098
.098
.099
.099
1.5KE39
1.5KE39A
1.5KE43
1.5KE43A
1N6285
1N6285A
1N6286
1N6286A
31.60
33.30
34.80
36.80
35.10 – 42.90
37.10 – 41.00
38.70 – 47.30
40.90 – 45.20
1
1
1
1
56.4
53.9
61.9
59.3
1
1
1
1
26.5
28.0
24.0
25.3
.100
.100
.101
.101
1.5KE47
1.5KE47A
1.5KE51
1.5KE51A
1N6287
1N6287A
1N6288
1N6288A
38.10
40.20
41.30
43.60
42.30 – 51.70
44.70 – 49.40
45.90 – 56.10
48.50 – 53.60
1
1
1
1
67.8
64.8
73.5
70.1
1
1
1
1
22.2
23.2
20.4
21.4
.101
.101
.102
.102
1.5KE56
1.5KE56A
1.5KE62
1.5KE62A
1N6289
1N6289A
1N6290
1N6290A
45.40
47.80
50.20
53.00
50.40 – 61.60
53.20 – 58.80
55.80 – 68.20
58.90 – 65.10
1
1
1
1
80.5
77.0
89.0
85.0
1
1
1
1
18.6
19.5
16.9
17.7
.103
.103
.104
.104
1.5KE68
1.5KE68A
1.5KE75
1.5KE75A
1N6291
1N6291A
1N6292
1N6292A
55.10
58.10
60.70
64.10
61.20 – 74.80
64.60 – 71.40
67.50 – 82.50
71.30 – 78.80
1
1
1
1
98.0
92.0
108.0
103.0
1
1
1
1
15.3
16.3
13.9
14.6
.104
.104
.105
.105
Microsemi
Scottsdale Division
Page 2
Copyright
© 2009
11-03-2009 Rev G; SA4-15
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - 1N6296

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6296 TRSYS-1N6296 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6296 VISHAY-1N6296 Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
First Silicon Co., Ltd
1N6296 FS-1N6296 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Dc Components
1N6296 DCCOM-1N6296 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6296 CHONGQING-1N6296 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1N6296

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1.5KE18CA MICROSEMI-1.5KE18CA Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KEG HY-P4KEG Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE10 HY-P6KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE HY-P6KE_V01 Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com