Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES6U2 Datasheet(PDF) 2 Page - Rohm

Part # ES6U2
Description  1.5V Drive NchSBD MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ES6U2 Datasheet(HTML) 2 Page - Rohm

  ES6U2 Datasheet HTML 1Page - Rohm ES6U2 Datasheet HTML 2Page - Rohm ES6U2 Datasheet HTML 3Page - Rohm ES6U2 Datasheet HTML 4Page - Rohm ES6U2 Datasheet HTML 5Page - Rohm ES6U2 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
Data Sheet
ES6U2
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Gate-source leakage
<MOSFET>
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
−±10
µAVGS=±10V, VDS=0V
20
−−
VID= 1mA, VGS=0V
−−
1
µAVDS= 20V, VGS=0V
0.3
1.0
V
VDS= 10V, ID= 1mA
130
180
ID= 1.5A, VGS= 4.5V
170
240
m
m
m
ID= 1.5A, VGS= 2.5V
220
310
ID= 0.8A, VGS= 1.8V
m
300
600
ID= 0.3A, VGS= 1.5V
1.6
−−
SVDS= 10V, ID= 1.5A
110
pF
VDS= 10V
18
15
pF
VGS=0V
5
pF
f=1MHz
5
ns
20
ns
3
ns
1.8
ns
0.3
nC
0.3
nC
−−
nC
VDD
10V, VGS= 4.5V
ID= 1.5A, RL 6.7
VDD
10
V
ID= 1A
VGS= 4.5V
RL 10
RG= 10
RG= 10
VSD
−−
1.2
V
IS= 1.5A, VGS=0V
Forward voltage
<Body diode characteristics (Source-drain)>
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
∗Pulsed
VF
−−
0.36
V
IF= 0.1A
Forward voltage
IR
−−
100
µA
VR= 20V
Reverse current
<Di>
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
−−
0.52
V
IF= 0.5A


Similar Part No. - ES6U2

ManufacturerPart #DatasheetDescription
logo
Rohm
ES6U1 ROHM-ES6U1 Datasheet
238Kb / 6P
   1.5V Drive PchSBD MOSFET
ES6U3 ROHM-ES6U3 Datasheet
209Kb / 5P
   4V Drive NchSBD MOSFET
ES6U41 ROHM-ES6U41 Datasheet
185Kb / 6P
   2.5V Drive NchSBD MOSFET
ES6U41 ROHM-ES6U41 Datasheet
198Kb / 5P
   2.5V Drive NchSBD MOSFET
ES6U41 ROHM-ES6U41_12 Datasheet
198Kb / 5P
   2.5V Drive NchSBD MOSFET
More results

Similar Description - ES6U2

ManufacturerPart #DatasheetDescription
logo
Rohm
QS5U36 ROHM-QS5U36 Datasheet
139Kb / 6P
   1.5V Drive NchSBD MOSFET
RUQ050N02 ROHM-RUQ050N02_10 Datasheet
1Mb / 5P
   1.5V Drive Nch MOSFET
RUL035N02 ROHM-RUL035N02 Datasheet
107Kb / 5P
   1.5V Drive Nch MOSFET
RUQ050N02 ROHM-RUQ050N02 Datasheet
111Kb / 5P
   1.5V Drive Nch MOSFET
RUR020N02 ROHM-RUR020N02 Datasheet
235Kb / 5P
   1.5V Drive Nch MOSFET
RW1C020UN ROHM-RW1C020UN Datasheet
230Kb / 5P
   1.5V Drive Nch MOSFET
TT8K1 ROHM-TT8K1 Datasheet
312Kb / 6P
   1.5V Drive Nch MOSFET
RUF025N02 ROHM-RUF025N02 Datasheet
109Kb / 5P
   1.5V Drive Nch MOSFET
logo
Vectron International, ...
RUR040N02 VECTRON-RUR040N02 Datasheet
104Kb / 5P
   1.5V Drive Nch MOSFET
logo
Rohm
RUR040N02TL ROHM-RUR040N02TL Datasheet
107Kb / 5P
   1.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com