Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB50824C-A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # USB50824C-A
Description  Bidirectional Low Capacitance TVSarray ?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

USB50824C-A Datasheet(HTML) 2 Page - Microsemi Corporation

  USB50824C-A Datasheet HTML 1Page - Microsemi Corporation USB50824C-A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bidirectional Low Capacitance TVSarray ™
S C O T TS DALE DIVISION
USB50803C-A thru USB50824C-A, e3
SYMBOLS & DEFINITIONS
Symbol
Definition
VWM
Standoff Voltage: Maximum dc voltage that can be applied over the operating temperature range.
VWM must be selected to be equal or be greater than the operating voltage of the line to be protected.
VBR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current
VC
Clamping Voltage: Maximum clamping voltage across the TVS device when subjected to a given current at a
pulse time of 20
µs.
ID
Standby Current: Leakage current at VWM.
C
Capacitance: Capacitance of the TVS as defined @ 0 volts at a frequency of 1 MHz and stated in picofarads.
GRAPHS
8/20µs 500W Pulse
Figure 1
Figure 2
Peak Pulse Power Vs Pulse Time t = µsec
Pulse Wave Form
OUTLINE AND SCHEMATIC
PAD LAYOUT
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.188
0.197
4.77
5.00
B
0.150
0.158
3.81
4.01
C
0.053
0.069
1.35
1.75
D
0.011
0.021
0.28
0.53
F
0.0160
0.050
0.41
1.27
G
0.050 BSC
1.27 BSC
J
0.006
0.010
0.15
0.25
K
0.004
0.008
0.10
0.20
L
0.189
0.206
4.80
5.23
P
0.228
0.244
5.79
6.19
OUTLINE
SCHEMATIC
Microsemi
Scottsdale Division
Page 2
Copyright
© 2006
8-01-2006 REV 0
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - USB50824C-A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB50824C MICROSEMI-USB50824C Datasheet
91Kb / 2P
   TVSarray Series
logo
Protek Devices
USB50824C PROTEC-USB50824C Datasheet
526Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
USB50824C PROTEC-USB50824C Datasheet
529Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - USB50824C-A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SRLC05 MICROSEMI-SRLC05 Datasheet
100Kb / 2P
   Low Capacitance TVSarray
USB50403C MICROSEMI-USB50403C_1 Datasheet
105Kb / 2P
   Bidirectional TVSarray ?
USB0803CSO8PC MICROSEMI-USB0803CSO8PC Datasheet
207Kb / 2P
   Bidirectional TVSarray
USB0803C-A MICROSEMI-USB0803C-A Datasheet
106Kb / 2P
   Bidirectional TVSarray
SMS03C MICROSEMI-SMS03C Datasheet
186Kb / 2P
   4 LINE BIDIRECTIONAL TVSarray
logo
Protek Devices
CSP040605C PROTEC-CSP040605C Datasheet
114Kb / 5P
   CHIP SCALE LOW CAPACITANCE FLIP CHIP TVSARRAY
logo
Diodes Incorporated
DESD10V0X1BD2CSP DIODES-DESD10V0X1BD2CSP Datasheet
418Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS
September 2021 Rev. 1 - 2
DESD4V0X1BD2CSP DIODES-DESD4V0X1BD2CSP Datasheet
417Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS
September 2021 Rev. 1 - 2
D5V0L1B2LP DIODES-D5V0L1B2LP Datasheet
101Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
DESD5V0U1BA DIODES-DESD5V0U1BA Datasheet
460Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com