Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG309 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG309
Description  5 -VOLT FIXED VOLTAGE REGULATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG309 Datasheet(HTML) 3 Page - Microsemi Corporation

  SG309 Datasheet HTML 1Page - Microsemi Corporation SG309 Datasheet HTML 2Page - Microsemi Corporation SG309 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SG109/SG309
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
Note 1. Contact factory for JAN and DESC product availability.
2. All parts are viewed from the top.
3. Product is also available in leadless chip carrier (LCC) and hermetic flat pack (F).
Contact factory for price and availability.
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Package
Connection Diagram
3-TERMINAL TO-3
METAL CAN
K-PACKAGE
SG109K/883B
-55°C to 125°C
SG109K
-55°C to 125°C
SG309K
0°C to 70°C
2
1
CASE IS GROUND
3-TERMINAL TO-66
METAL CAN
R-PACKAGE
SG109R/883B
-55°C to 125°C
SG109R
-55°C to 125°C
SG309R
0°C to 70°C
1
2
CASE IS GROUND
GROUND
3-PIN TO-39 METAL CAN
T-PACKAGE
SG109T/883B
-55°C to 125°C
JAN109T
-55°C to 125°C
SG109T
-55°C to 125°C
SG309T
0°C to 70°C
GROUND
3
2
1
TAB
IS
GROUND
APPLICATION CIRCUITS
FIGURE 1 - FIXED 5V REGULATOR
FIGURE 2 - ADJUSTABLE OUTPUT REGULATOR
V
IN
V
OUT
V
IN
V
OUT
V
IN
V
OUT
V
IN
V
OUT
3-PIN HERMETIC TO-257
IG-PACKAGE (Isolated)
SG109IG/883B
-55°C to 125°C
SG109IG
-55°C to 125°C


Similar Part No. - SG309

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG309 MICROSEMI-SG309 Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
SG309K MICROSEMI-SG309K Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
SG309R MICROSEMI-SG309R Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
SG309T MICROSEMI-SG309T Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
More results

Similar Description - SG309

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR Datasheet
193Kb / 10P
   FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Fairchild Semiconductor
UA78H05A FAIRCHILD-UA78H05A Datasheet
295Kb / 4P
   5-Volt 5-Amp Voltage Regulators
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
   5 Volt Positive Fixed Voltage Regulator
logo
Seme LAB
IP1R19A SEME-LAB-IP1R19A Datasheet
31Kb / 4P
   5 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
LM323 ONSEMI-LM323 Datasheet
126Kb / 8P
   3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS
1996 Rev 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com