Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG3526J Datasheet(PDF) 7 Page - Microsemi Corporation

Part # SG3526J
Description  REGULATING PULSE WIDTH MODULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3526J Datasheet(HTML) 7 Page - Microsemi Corporation

  SG3526J Datasheet HTML 1Page - Microsemi Corporation SG3526J Datasheet HTML 2Page - Microsemi Corporation SG3526J Datasheet HTML 3Page - Microsemi Corporation SG3526J Datasheet HTML 4Page - Microsemi Corporation SG3526J Datasheet HTML 5Page - Microsemi Corporation SG3526J Datasheet HTML 6Page - Microsemi Corporation SG3526J Datasheet HTML 7Page - Microsemi Corporation SG3526J Datasheet HTML 8Page - Microsemi Corporation SG3526J Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
7
(714) 898-8121
∞ FAX: (714) 893-2570
SG1526/SG2526/SG3526
APPLICATION INFORMATION (continued)
The oscillator is programmed for frequency and deadtime with three components: R
T, CT, and RD.
Two waveforms are
generated: a sawtooth waveform at pin 10 for pulse width modulation, and a logic clock at pin 12. The following procedure
is recommended for choosing timing values:
1. With R
D = 0Ω (pin 11 shorted to ground) select values for RT and CT from Figure 7 to give the desired oscillator period.
Remember that the frequency at each driver output is half the oscillator frequency, and the frequency at the +V
C terminal
is the same as the oscillator frequency.
2. If more dead time is required, select a larger value of R
D using Figure 6 as a guide.
At 40kHz dead time increases by
400nSec/ohm.
3. Increasing the dead time will cause the oscillator frequency to decrease slightly. Go back and decrease the value of R
T
slightly to bring the frequency back to the nominal design value.
The SG1526 can be synchronized to an external logic clock by programming the oscillator to free-run at a frequency 10% slower
than the sync frequency. A periodic LOW logic pulse approximately 0.5µSec wide at the SYNC pin will then lock the oscillator
to the external frequency.
Multiple devices can be synchronized together by programming one master unit for the desired frequency, and then sharing
its sawtooth and clock waveforms with the slave units. All C
T terminals are connected to the CT pin of the master, and all SYNC
terminals are likewise connected to the SYNC pin of the master. Slave R
T terminals should not be left open nor should they
be tied to the +5V reference; at least 50K should be connected to each pin. Slave R
D terminals may be either left open or
grounded.
OSCILLATOR
FIGURE 21 - OSCILLATOR CONNECTIONS AND WAVEFORMS
The error amplifier is a transconductance design, with an output impedance of 2 megohms and an effective output capacitance
of 100 pF. Since all voltage gain takes place at the output pin, the open-loop gain can be shaped with shunt reactance to ground.
For unity gain stability the amplifier requires an additional external 100 pF to ground, resulting in an open-loop pole at 400 Hz.
The input connections to the error amplifier are determined by the polarity of the switching supply output voltage. For positive
supplies, the common-mode voltage is +5.0 volts and the feedback connections in Figure 22A are used. With negative
supplies, the common-mode voltage is ground and the feedback divider is connected between the negative output and the
+5.0 volt reference voltage, as shown in Figure 22B.
ERROR AMPLIFIER CONNECTIONS
FIGURE 22A
FIGURE 22B
ERROR AMPLIFIER


Similar Part No. - SG3526J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3526J MICROSEMI-SG3526J Datasheet
182Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG3526J

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com